Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2983 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2983
Description  Power Amplifier Applications Driver Stage Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2983 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2983_05 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2983_05 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2983_05 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2983_05 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC2983
2005-02-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC2983
Power Amplifier Applications
Driver Stage Amplifier Applications
• High transition frequency: fT = 100 MHz (typ.)
• Complementary to 2SA1225
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
160
V
Collector-emitter voltage
VCEO
160
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
1.5
A
Base current
IB
0.3
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
15
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Unit: mm
JEDEC
JEITA
TOSHIBA
2-7B1A
Weight: 0.36 g (typ.)
JEDEC
JEITA
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC2983_05

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2983-251 ISC-2SC2983-251 Datasheet
322Kb / 3P
   Silicon NPN Power Transistor
2SC2983-252 ISC-2SC2983-252 Datasheet
303Kb / 3P
   Silicon NPN Power Transistor
logo
Micro Commercial Compon...
2SC2983-O MCC-2SC2983-O Datasheet
632Kb / 4P
   NPN Plastic-Encapsulate Transistors
2SC2983-Y MCC-2SC2983-Y Datasheet
632Kb / 4P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2983_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
   POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
   Power Amplifier Applications Driver Stage Amplifier Applications
logo
Toshiba Semiconductor
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_07 Datasheet
124Kb / 4P
   Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1930 TOSHIBA-2SA1930 Datasheet
119Kb / 5P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1837M TOSHIBA-2SA1837M Datasheet
122Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_10 Datasheet
150Kb / 4P
   Power Amplifier Applications Driver Stage Amplifier Applications
2SA2182 TOSHIBA-2SA2182 Datasheet
171Kb / 5P
   Power Amplifier Applications Driver Stage Amplifier Applications
2006-11-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com