Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA70001M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA70001M
Description  Record/Playback Amplifiers for VHS Format VCRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70001M Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LA70001M Datasheet HTML 1Page - Sanyo Semicon Device LA70001M Datasheet HTML 2Page - Sanyo Semicon Device LA70001M Datasheet HTML 3Page - Sanyo Semicon Device LA70001M Datasheet HTML 4Page - Sanyo Semicon Device LA70001M Datasheet HTML 5Page - Sanyo Semicon Device LA70001M Datasheet HTML 6Page - Sanyo Semicon Device LA70001M Datasheet HTML 7Page - Sanyo Semicon Device LA70001M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
No. 5709-7/8
LA70001, 70001M
Record Amplifier Gain Control
The LA70001 achieves an adjustment-free record current by adding an AGC circuit in the record amplifier block. The
record current can be modified using the following method.
• Record current adjustment 2: When left open.
Pin 12 DC level is set to 1/2 VCC (approximately 2.5 V) by an internal bias, and the record current is determined by
Ro1.
Design value: When Ro1 is 1.5 k
Ω, the record current will be 12.7 mA per channel.
• Record current adjustment 2: When used.
The gain can be varied by –6.0 dB to +3.5 dB relative to the value set by Ro1 by applying a control DC voltage of
between 1 and 4 V to pin 12.
Note: The technique shown in the figure below can be used to apply a DC level to pin 12. This allows a control voltage of between 1 and 4 V to be applied.
Record current (mAp-p) design value


Similar Part No. - LA70001M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
LA70011M SANYO-LA70011M Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70020M SANYO-LA70020M Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
More results

Similar Description - LA70001M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7416 SANYO-LA7416 Datasheet
187Kb / 7P
   Playback Amplifier and Record Amplifier for VHS VCRs?
LA7411 SANYO-LA7411 Datasheet
120Kb / 5P
   Playback Amplifier and Record Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA7415 SANYO-LA7415 Datasheet
200Kb / 12P
   VHS VCR Playback Head and Record Amplifiers
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
Rohm
BA8400FV ROHM-BA8400FV Datasheet
124Kb / 9P
   CTL recording / playback amplifier for VHS VCRs
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7357 SANYO-LA7357 Datasheet
105Kb / 6P
   PAL/SECAM Discrimination Circuit for VHS VCRs
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
   Video/audio signal processor for VHS VCRs
logo
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com