Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6049 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6049
Description  Bipolar PNP Device in a Hermetically sealed TO66
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6049 Datasheet(HTML) 1 Page - Seme LAB

  2N6049 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N6049
Bipolar PNP Device.
V
CEO =
55V
I
C = 4A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
55
V
I
C(CONT)
4
A
h
FE
@ 4/0.5 (V
CE / IC)
25
100
-
f
t
3M
Hz
P
D
75
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
TO66 (TO213AA)
PINOUTS
1 – Base
2 – Emitter
Case – Collector
Bipolar PNP Device in a
Hermetically sealed TO66
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
3.68
(0.145) rad.
max.
3.61 (0.142)
4.08(0.161)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2


Similar Part No. - 2N6049

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6049 MOTOROLA-2N6049 Datasheet
251Kb / 6P
   4 AMPERE POWER TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
2N6049 CENTRAL-2N6049 Datasheet
51Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
2N6049 ISC-2N6049 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2N6049 SAVANTIC-2N6049 Datasheet
114Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N6049 NJSEMI-2N6049 Datasheet
138Kb / 1P
   POWER TRANSISTOR PNP SILICON
More results

Similar Description - 2N6049

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6297 SEME-LAB-2N6297 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5609 SEME-LAB-2N5609 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N6312 SEME-LAB-2N6312 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5954 SEME-LAB-2N5954 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5956 SEME-LAB-2N5956 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N3740 SEME-LAB-2N3740 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N3740R SEME-LAB-2N3740R Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5344 SEME-LAB-2N5344 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5611A SEME-LAB-2N5611A Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N6049E SEME-LAB-2N6049E Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N6314 SEME-LAB-2N6314 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com