Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4601 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA4601
Description  Audio Power Amplifier for Radio Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4601 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA4601 Datasheet HTML 1Page - Sanyo Semicon Device LA4601 Datasheet HTML 2Page - Sanyo Semicon Device LA4601 Datasheet HTML 3Page - Sanyo Semicon Device LA4601 Datasheet HTML 4Page - Sanyo Semicon Device LA4601 Datasheet HTML 5Page - Sanyo Semicon Device LA4601 Datasheet HTML 6Page - Sanyo Semicon Device LA4601 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LA4601
No. 6013-6/7
2
4
6
8
10
12
0
0.1
1.0
10
0.01
2
2
2
3
5
7
3
5
7
3
5
7
0.1
2
2
2
3
5
7
3
5
7
3
5
7
1.0
10
100
0.01
2
3
5
7
4
8
12
16
20
24
23
100
23
5
7
2
3
2
3
57
7
5
1k
10k
10
2 3
57
2 3
57
2 3
5 7
2 3
57
100
1k
10k
100k
52
3
5
2
3
7
7
1k
10k
7
5
20
30
40
50
60
70
80
23
2
2
35
7
7
5
100
1k
3
20
30
40
50
60
70
80
–8
–7
–6
–5
–4
–3
–2
–1
0
1
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
2
2
2
2 3
5 7
35 7
35 7
3
5 7 100
1k
10k
100k
0.1
2
3
5
7
2
3
5
7
1.0
10
4
8
12
16
20
24
28
10
20
30
40
50
60
70
80
0
THD=10%
f=1kHz
Rg=0
VCC – PO
Supply voltage, VCC – V
THD – f
Chsep – f
Frequency, f – Hz
Frequency, f – Hz
f – Response
Frequency, f – Hz
VCC – ICCO
Supply voltage, VCC – V
Output power, PO – W
THD – PO
VCC=15V
RL=3Ω
PO=1W
Rg=600
VCC=15V
RL=3Ω
VO=0dBm
Rg=0
DIN AUDIO
VCC=15V
RL=3Ω
VO=0dBm
VCC=15V
RL=3Ω
Vr=0dBm
Rg=0
DIN AUDIO
VCC=15V
RL=3Ω
DIN AUDIO
VCC=15V
RL=3Ω
PO=1W
Rg=600
SVRR – f
VNO – Rg
Signal source impedance, Rg –
Frequency, f – Hz
1ch
2ch
ch1-ch2
ch2-ch1
1ch
2ch
ch1
ch2
R L
=8


Similar Part No. - LA4601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
More results

Similar Description - LA4601

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3126F ROHM-BA3126F Datasheet
110Kb / 7P
2-channel head switch for radio cassette recorders
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
2-Channel Power Amp for Radio-Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com