Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4601 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA4601
Description  Audio Power Amplifier for Radio Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4601 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA4601 Datasheet HTML 1Page - Sanyo Semicon Device LA4601 Datasheet HTML 2Page - Sanyo Semicon Device LA4601 Datasheet HTML 3Page - Sanyo Semicon Device LA4601 Datasheet HTML 4Page - Sanyo Semicon Device LA4601 Datasheet HTML 5Page - Sanyo Semicon Device LA4601 Datasheet HTML 6Page - Sanyo Semicon Device LA4601 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA4601
No. 6013-5/7
4. P.P (pop noise) pin (6)
5. Muting
• The recommended value for the P.P capacitor is 4.7
µF. When capacitance is
lower than 2.2
µF, pop noise when setting the standby pin to Low (power
OFF) will increase.
When capacitance is higher than 10
µF, the sound will not be cut off when
setting the standby pin to Low (power OFF).
The output signal can be controlled by
connecting pin 5 (Filter) to ground via a
resistance of 300 to 500
Ω. If resistance
is higher than 750
Ω, the suppression
ratio will decrease.
Voltage at pin 6
VCC – VCE (approx. 0.3V) – 5.6V
2 k
5.6V
+
=
.
.
VCC
5k
5k
6
A11490
Zener voltage
=5.6V
To input amplifier/
bias circuitry
Mute ON
Mute OFF
Output AC voltage
Output DC voltage
A11491


Similar Part No. - LA4601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
More results

Similar Description - LA4601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
BA3126F ROHM-BA3126F Datasheet
110Kb / 7P
   2-channel head switch for radio cassette recorders
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com