Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4601 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4601
Description  Audio Power Amplifier for Radio Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4601 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4601 Datasheet HTML 1Page - Sanyo Semicon Device LA4601 Datasheet HTML 2Page - Sanyo Semicon Device LA4601 Datasheet HTML 3Page - Sanyo Semicon Device LA4601 Datasheet HTML 4Page - Sanyo Semicon Device LA4601 Datasheet HTML 5Page - Sanyo Semicon Device LA4601 Datasheet HTML 6Page - Sanyo Semicon Device LA4601 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA4601
No. 6013-2/7
Operating Conditions at Ta = 25
°C
Block Diagram
Electrical Characteristics at Ta = 25
°C, VCC= 15V, RL = 3, f = 1 kHz
10
CH1 input
CH2 input
Small signal
GND
CH1 output
CH2 output
Large signal
GND
7
9
8
6
5
1
2
4
3
Standby
P.P
Filter
VCC
Pop noise prevention block
Standby switching
Ripple filter
TSD protector
CH1 input
amplifier
Predrive
amplifier
REF
amplifier
RNf1
Rf1
Rf2
RNf2
CH2 input
amplifier
Predrive
amplifier
Output
amplifier
Output
amplifier
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
Vcc
15
V
Recommended load resistance
RL
3
Operating supply voltage range
Vcc op
Within maximum ratings
V
Operating load resistance range
5.0 to 22
2.7 to 8
min
typ
max
Standby current
Ist
Standby pin -> GND
1.0
10
µA
Quiescent current
Icco
Rg=0
20
35
70
mA
Voltage gain
VG
Vo=0 dBm
43.0
45.0
47.0
dB
Total harmonic distortion
THD
Po=1w
0.2
0.8
%
Output noise voltage
Vno
Rg=0, DIN AUDIO
0.15
0.5
mV
Output voltage
Po1
THD=10%
6.0
7.0
W
Po2
Vcc=9V, RL=4
Ω , THD=10%
1.5
2.0
W
Channel separation
Chsep
Vo=0 dBm, Rg=0, DIN AUDIO
50
60
dB
Ripple suppression
SVRR
Vr=0 dBm, Rg=0, fr=100 Hz
DIN AUDIO
45
55
dB
Stanby ON voltage
Vst
1.5
5.0
V
Input resistance
Ri
20
30
40
k
Ratings
Parameter
Symbol
Conditions
Unit


Similar Part No. - LA4601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
More results

Similar Description - LA4601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
2-Channel Power Amp for Radio-Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
Dual recording / playback preamplifier for radio cassette recorders
BA3126F ROHM-BA3126F Datasheet
110Kb / 7P
2-channel head switch for radio cassette recorders
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com