Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4601 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4601
Description  Audio Power Amplifier for Radio Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4601 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4601 Datasheet HTML 1Page - Sanyo Semicon Device LA4601 Datasheet HTML 2Page - Sanyo Semicon Device LA4601 Datasheet HTML 3Page - Sanyo Semicon Device LA4601 Datasheet HTML 4Page - Sanyo Semicon Device LA4601 Datasheet HTML 5Page - Sanyo Semicon Device LA4601 Datasheet HTML 6Page - Sanyo Semicon Device LA4601 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LA4601
No. 6013-1/7
LA4601
This is a different-package version of the power
amplifier LA4600 with ultralow peripheral
component count. Basic power supply spec is Vcc
= 15V, but a 9V spec for operation without
heatsink is also possible. BS capacitor, NF
capacitor, and oscillation-stopping CR components
are incorporated into the IC circuitry.
Functions
• Pin compatible with the LA4600
• Heatsink not required for 9V version
• Output power VCC =15V/3
Ω....7.0W X 2
• Built-in stanby switching
• Built-in overheat protection (TSD)
Specifications
Overview
[LA4601]
Maximum Ratings at Ta = 25
°C
Ordering number : EN6013
N1298RM(KI)
Monolithic Linear IC
Audio Power Amplifier for
Radio Cassette Recorders
Package Dimensions
unit: mm
3024-SIP10H
SANYO : SIP10H
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
Vcc max
Rg=0 (No signal)
24
V
Allowable power dissipation
Pd max
With an arbitrary large heatsink
25.0
W
Thermal resistance
θ j-c
3.0
°C/W
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
– 20 to +75
– 40 to +150
27.0
20.0
10
1
4.0
0.4
2.0
0.5
2.54
2.07
1.4
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - LA4601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
More results

Similar Description - LA4601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
BA3126F ROHM-BA3126F Datasheet
110Kb / 7P
   2-channel head switch for radio cassette recorders
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com