Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4600 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA4600
Description  Audio Power Amplifier for Radio Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4600 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA4600 Datasheet HTML 1Page - Sanyo Semicon Device LA4600 Datasheet HTML 2Page - Sanyo Semicon Device LA4600 Datasheet HTML 3Page - Sanyo Semicon Device LA4600 Datasheet HTML 4Page - Sanyo Semicon Device LA4600 Datasheet HTML 5Page - Sanyo Semicon Device LA4600 Datasheet HTML 6Page - Sanyo Semicon Device LA4600 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA4600
No. 6012-3/7
2
0
4
5
6
8
10
12
14
–20
0
20
40
60
80
100
Pd max – Ta
Ambient temperature, Ta – ˚C
With an arbitrary large heatsink (
θjc=10˚C/W)
12.5
50X50X1.5mm
3
1.94
1.16
3.0
7.5
No heatsink
Sample Application
10
ch1
Input
ch2
Input
PRE GND
ch1
Output
ch2
Output
POWER GND
7
+
+
9
8
6
+
5
1
2
4
3
STANDBY
P.P
Filter
VCC
0.22
µF
+5V
0.22
µF
4.7
µF
100
µF
1000
µF
1000
µF
1000
µF
4
4
LA4600


Similar Part No. - LA4600

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
More results

Similar Description - LA4600

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
BA3126F ROHM-BA3126F Datasheet
110Kb / 7P
   2-channel head switch for radio cassette recorders
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com