Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4600 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA4600
Description  Audio Power Amplifier for Radio Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4600 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA4600 Datasheet HTML 1Page - Sanyo Semicon Device LA4600 Datasheet HTML 2Page - Sanyo Semicon Device LA4600 Datasheet HTML 3Page - Sanyo Semicon Device LA4600 Datasheet HTML 4Page - Sanyo Semicon Device LA4600 Datasheet HTML 5Page - Sanyo Semicon Device LA4600 Datasheet HTML 6Page - Sanyo Semicon Device LA4600 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LA4600
No. 6012-4/7
1. Standby switching function (7)
Power is switched ON and OFF by controlling the High and Low states at pin
7, respectively (standby). To switch power ON, apply 1.5V or more, or 800
µA to pin 7.
7
VCC
2k
2k
To bias circuit
• When directly connecting a microcontroller with this pin, add a resistor in series
to optimize the current for the microcontroller.
2. Input pins (8,10)
Voltage at the input pins is approx. 2 VBE (1.4V).
Input impedance is approx. 30 k
Ω.
• The recommended value for the input capacitor is 0.22
µF, but this can be varied in order to adjust the starting time
(ts). (The starting time is the time required from applying voltage to the standby pin until sound output is obtained. )
3. Filter (decoupling) pin (5)
Pin voltage is approx. 1/2 VCC.
The recommended value for the filter capacitor is 100
µF.
When capacitance is lower, pop noise when setting the standby pin to Low (power OFF) will increase.
Current supplied to pin 7
Applied voltage
Applied voltage – VBE (approx. 0.7V)
2 k
2 k
+
Pin Descriptions
AC voltage (100 mV)
Output DC voltage
AC voltage (200mV)
Output DC voltage
Filter capacitor= 100
µ
Filter capacitor= 47
µF
Input capacitator
1.0
µF
2.0
µF
3.3
µF
4.7
µF
10
µF
Starting time (ts)
0.2s
0.3s
0.5s
0.65s
1.5s
=
.
.


Similar Part No. - LA4600

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
More results

Similar Description - LA4600

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
BA3126F ROHM-BA3126F Datasheet
110Kb / 7P
   2-channel head switch for radio cassette recorders
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com