Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4598 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA4598
Description  Two-channel Power Amplifier for Radio Cassette Players (No Heat Sink Needed during 9 V Operation)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4598 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA4598 Datasheet HTML 1Page - Sanyo Semicon Device LA4598 Datasheet HTML 2Page - Sanyo Semicon Device LA4598 Datasheet HTML 3Page - Sanyo Semicon Device LA4598 Datasheet HTML 4Page - Sanyo Semicon Device LA4598 Datasheet HTML 5Page - Sanyo Semicon Device LA4598 Datasheet HTML 6Page - Sanyo Semicon Device LA4598 Datasheet HTML 7Page - Sanyo Semicon Device LA4598 Datasheet HTML 8Page - Sanyo Semicon Device LA4598 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CH2 to CH1
leak
CH1 to CH2
leak
Frequency,f−Hz
Supply voltage, VCC −V
Frequency,f−Hz
Output power, PO −W
Supply voltage, VCC −V
Supply voltage, VCC −V
DIN Audio with
20 Hz to 20 kHz BPF
LA4598
No.4087-5/9


Similar Part No. - LA4598

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
   1.5V Stereo Headphone Preamplifier and Power Amplifier?
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
More results

Similar Description - LA4598

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4183 SANYO-LA4183 Datasheet
286Kb / 11P
   2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
logo
Rohm
BA3924 ROHM-BA3924 Datasheet
173Kb / 12P
   Power supply for CD radio cassette players
BA3936 ROHM-BA3936 Datasheet
185Kb / 10P
   System power supply for CD radio cassette players
BA3940A ROHM-BA3940A Datasheet
99Kb / 7P
   System power supply for CD radio cassette players
BA3938 ROHM-BA3938 Datasheet
102Kb / 8P
   System power supply for CD radio cassette players
BA3870 ROHM-BA3870 Datasheet
199Kb / 14P
   BBS (bass boost system) for radio cassette players
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LC7730 SANYO-LC7730 Datasheet
181Kb / 8P
   Timer(Radios and Radio cassette players)
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com