Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4598 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4598
Description  Two-channel Power Amplifier for Radio Cassette Players (No Heat Sink Needed during 9 V Operation)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4598 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4598 Datasheet HTML 1Page - Sanyo Semicon Device LA4598 Datasheet HTML 2Page - Sanyo Semicon Device LA4598 Datasheet HTML 3Page - Sanyo Semicon Device LA4598 Datasheet HTML 4Page - Sanyo Semicon Device LA4598 Datasheet HTML 5Page - Sanyo Semicon Device LA4598 Datasheet HTML 6Page - Sanyo Semicon Device LA4598 Datasheet HTML 7Page - Sanyo Semicon Device LA4598 Datasheet HTML 8Page - Sanyo Semicon Device LA4598 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Two-channel Power Amplifier for Radio Cassette
Players (No Heat Sink Needed during 9 V Operation)
Overview
The LA4598 is a two-channel power IC that is intended for
use in portable audio equipment. Needing no heat sink during
9 V operation facilitates set design with a small footprint.
Functions
.
Thermal shutdown protector built in.
.
Standby switch built in.
Features
.
No heat sink needed during 9 V operation
.
PO = 2.9 W × 2(VCC =9 V, RL = 3.2 Ω, THD = 10%).
.
Less quiescent current. (VCC = 9 V, 20 mA, typ).
.
Operating voltage range: VCC op = 4.2 to 16 V.
Package Dimensions
unit : mm
3113-SIP14HZ
[LA4598]
SANYO : SIP14HZ
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
18
V
Allowable power dissipation
Pd max*
No heat sink
3.6
W
Junction temperature
Tj max
+150
°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
* With Sanyo-recommended board (9.0 cm
× 8.5 cm × 1.5 mm (thickness))
Independent IC
With arbitrarily large heat
sink
Al heat sink tightening
torque 4kg.cm
With silicone grease
applied
Ambient temperature, Ta − °C
With Sanyo-
recommended board
Ordering number: EN4087C
Monolithic Linear IC
LA4598
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
D3095HA/N1792TS(II) No.4087-1/9


Similar Part No. - LA4598

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
   1.5V Stereo Headphone Preamplifier and Power Amplifier?
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
More results

Similar Description - LA4598

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4183 SANYO-LA4183 Datasheet
286Kb / 11P
   2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
logo
Rohm
BA3924 ROHM-BA3924 Datasheet
173Kb / 12P
   Power supply for CD radio cassette players
BA3936 ROHM-BA3936 Datasheet
185Kb / 10P
   System power supply for CD radio cassette players
BA3940A ROHM-BA3940A Datasheet
99Kb / 7P
   System power supply for CD radio cassette players
BA3938 ROHM-BA3938 Datasheet
102Kb / 8P
   System power supply for CD radio cassette players
BA3870 ROHM-BA3870 Datasheet
199Kb / 14P
   BBS (bass boost system) for radio cassette players
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LC7730 SANYO-LC7730 Datasheet
181Kb / 8P
   Timer(Radios and Radio cassette players)
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com