Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPBT2563C1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPBT2563C1
Description  Bluetooth??class 1 module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2563C1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPBT2563C1 Datasheet HTML 2Page - STMicroelectronics SPBT2563C1 Datasheet HTML 3Page - STMicroelectronics SPBT2563C1 Datasheet HTML 4Page - STMicroelectronics SPBT2563C1 Datasheet HTML 5Page - STMicroelectronics SPBT2563C1 Datasheet HTML 6Page - STMicroelectronics SPBT2563C1 Datasheet HTML 7Page - STMicroelectronics SPBT2563C1 Datasheet HTML 8Page - STMicroelectronics SPBT2563C1 Datasheet HTML 9Page - STMicroelectronics SPBT2563C1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DC I/O specification
SPBT2563C1
6/13
4
DC I/O specification
(Vdd = 3.3V, T = 25°C, unless otherwise specified)
Table 3.
DC input / output specification
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
VIL
Low level input voltage
1.1
V
VIH
High level input voltage
2.15
2.85
V
VOL
Low level output voltage
0.15
V
VOH
High level output voltage
2.55
V
LP_CKH
32.768kHz out high level
output voltage
2.4
V
LP_CKL
32.768kHz out low level
output voltage
0.3
V
INH_L
Inhibit signal low level
0.15
V
INH_H
Inhibit signal high level
2
Vcc
V
Iinh
Inhibit input current
Vinh = 3.3V
38
55
µA


Similar Part No. - SPBT2563C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBT2532C2.AT STMICROELECTRONICS-SPBT2532C2.AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
SPBT2532C2.AT2 STMICROELECTRONICS-SPBT2532C2.AT2 Datasheet
561Kb / 27P
   Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
More results

Similar Description - SPBT2563C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
logo
HANAMICRON
HBM1X1M HANAMICRON-HBM1X1M Datasheet
229Kb / 17P
   Bluetooth V1.2 Class 1 Module
logo
List of Unclassifed Man...
BT730 ETC2-BT730 Datasheet
353Kb / 3P
   Class 1 Bluetooth v2.0 Module
logo
Laird Tech Smart Techno...
BT740-SA LSTD-BT740-SA Datasheet
2Mb / 155P
   Enhanced Class 1 Bluetooth v2.1 Module
BT740 LSTD-BT740 Datasheet
1Mb / 31P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
Texas Instruments
CC2560-SN2100 TI-CC2560-SN2100 Datasheet
37Kb / 2P
[Old version datasheet]   Bluetooth Class 1 Module from Murata
logo
List of Unclassifed Man...
BT740 ETC2-BT740 Datasheet
327Kb / 2P
   Enhanced Class 1 Bluetooth v2.1 Module
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
Microchip Technology
RN41 MICROCHIP-RN41 Datasheet
654Kb / 28P
   Class 1 Bluetooth Module with EDR Support
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com