Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4525 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4525
Description  Dual AF Power Amplifier for Radio Cassette Recorders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4525 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4525 Datasheet HTML 1Page - Sanyo Semicon Device LA4525 Datasheet HTML 2Page - Sanyo Semicon Device LA4525 Datasheet HTML 3Page - Sanyo Semicon Device LA4525 Datasheet HTML 4Page - Sanyo Semicon Device LA4525 Datasheet HTML 5Page - Sanyo Semicon Device LA4525 Datasheet HTML 6Page - Sanyo Semicon Device LA4525 Datasheet HTML 7Page - Sanyo Semicon Device LA4525 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual AF Power Amplifier
for Radio Cassette Recorders
Overview
The LA4525 requires only a small number of external
components to drive either two 4
Ω speakers or one 8 Ω
speaker. The output power is typically 0.65 W when driving
two 4
Ω speakers.
Features
.
Two-channel (dual) or single-channel (BTL) operation
.
Requires only a few external components.
.
0.65 W (typ) output power into two 4
Ω speakers
.
Wide power supply range: 3 to 15 V
.
8-pin DIP (No heat sink needed)
Package Dimensions
unit : mm
3001B-DIP8
[LA4525]
SANYO : DIP8
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Rg = 0
15
V
Allowable power dissipation
Pd max
Note
1.5
W
Operating temperature
Topr
–25 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Note: Mounted on a 50
× 50 × 1.6 mm3 heat dissipating board
Recommended Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
6V
Load resistance range
RL
4
Supply voltage range
VCC op
Not in excess of package Pd
3 to 15
V
Ordering number: EN4022C
Monolithic Linear IC
LA4525
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
32896HA(II)/D0192TS/4162TS No.4022-1/8


Similar Part No. - LA4525

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
More results

Similar Description - LA4525

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com