Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4525 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA4525
Description  Dual AF Power Amplifier for Radio Cassette Recorders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4525 Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LA4525 Datasheet HTML 1Page - Sanyo Semicon Device LA4525 Datasheet HTML 2Page - Sanyo Semicon Device LA4525 Datasheet HTML 3Page - Sanyo Semicon Device LA4525 Datasheet HTML 4Page - Sanyo Semicon Device LA4525 Datasheet HTML 5Page - Sanyo Semicon Device LA4525 Datasheet HTML 6Page - Sanyo Semicon Device LA4525 Datasheet HTML 7Page - Sanyo Semicon Device LA4525 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
External Components
.
The starting time, ts, can be varied by changing the value of
the input capacitor. A value of 2.2 µF is recommended. A
smaller value will result in a lower starting time, and a larger
value, a higher starting time.
.
The output capacitor should have a value of 470 µF. A lower
value will cause the low-frequency roll-off and low-power
characteristics to deteriorate.
.
A value of 470 µF is recommended for the power supply
capacitor, although this can change according to the design
setup conditions.
.
In dual mode, BTL IN (the channel 2 negative feedback
connection) should be left floating.
BTL mode
.
The output capacitors should have a value of 470 µF. If these
are omitted, a ‘‘popping’’ noise occurs. Also, any output
offset will cause a current to flow which could damage the
load under quiescent DC conditions.
.
The output capacitors can be replaced with a single 220 µF
bipolar capacitor. A larger value can cause switching noise
when power is applied to the device.
.
The voltage gain is fixed internally to 40 dB in dual mode
and 46 dB in BTL mode. These values cannot be altered by
connecting external components.
.
Phase correction capacitance (600 pF/TOTAL) is
incorporated in the internal stages. Oscillation damping
components (R and C) are also incorporated in the output pin
circuits.
.
Power consumption
Note that the 8-pin DIP does not have a heat dissipating
surface and that the power dissipation ratings are critical.
The maximum power dissipation of the device is 1.25 W,
and 1.5 W when the device is mounted on the recommended
PCB. The actual power dissipated depends on the supply
voltage and the load conditions. Ensure that the device is
kept within its maximum rating. For AC supplies,
transformer tappings may need to be adjusted to keep the
device within maximum ratings.
Pd max =
VCC
2
π2R
L
+ICCO × VCC
Note
For BTL mode operation, the value of RL used in the
calculation should be 1/2 the actual value.
.
If the speaker plug jacks short to ground when connected, a
protection resistor should be inserted in the output line.
.
If the device is operated at or near its rated values, these
values can be exceeded by small changes in operating
conditions, leading to device breakdown. Accordingly, ensure
that a safety margin is maintained so as not to exceed the
maximum ratings.
.
Check the PCB surface after soldering to ensure that no pins
have been accidentally shorted. Any short between pins could
cause poor operating characteristics or permanently damage
the device when power is applied.
.
If making the PCB, check the printed wiring to ensure that
no feedback loops occur between input and output.
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment,
nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or
indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors
and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and
expenses associated with such use:
2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO
ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume
production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use
or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of March, 1996. Specifications and information herein are subject to change without notice.
RL
LA4525
No.4022-8/8


Similar Part No. - LA4525

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
More results

Similar Description - LA4525

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com