Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4440 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA4440
Description  6W 2-Channel, Bridge 19W typ Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4440 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA4440 Datasheet HTML 2Page - Sanyo Semicon Device LA4440 Datasheet HTML 3Page - Sanyo Semicon Device LA4440 Datasheet HTML 4Page - Sanyo Semicon Device LA4440 Datasheet HTML 5Page - Sanyo Semicon Device LA4440 Datasheet HTML 6Page - Sanyo Semicon Device LA4440 Datasheet HTML 7Page - Sanyo Semicon Device LA4440 Datasheet HTML 8Page - Sanyo Semicon Device LA4440 Datasheet HTML 9Page - Sanyo Semicon Device LA4440 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LA4440
No.750–6/13
(g) In case of applying audio muting in each application circuit, the following circuit is used.
6V
≤V
M≤VCC
Recommended VM=9V
ATT=40dB (Rg=600Ω)
Flow-in current IO is calculated by the following formula.
IO=
In case of increasing the muting attenuation, resistor 5.6k
Ω is connected in series with the input, and then the
attenuation is made to be 55dB. Be careful that connecting an input capacitor causes pop noise to be increased at
the time of application of AC muting. Increased RO, CO make it possible to reduce the noise. In case of com-
pletely cutting off power IC, pin (5) is grounded, and then DC control is available and the attenuation is made to
be
∞.
VM – VBE
RO
Stereo
: 20
Ω≤R≤100Ω
Bridge No.1 : 20
Ω≤R≤100Ω
Bridge No. 2 : 0
Ω≤R≤50Ω
Pin Voltage (unit : V)
.
o
N
n
i
P
123456789
0
11
12
13
14
1
n
i
p
n
o
i
t
c
n
u
F
1
H
C
F
N
1
H
C
F
N
e
r
P
D
N
G
C
A
o
i
d
u
A
g
n
i
t
u
M
C
D
2
H
C
N
I
2
H
C
F
N
2
H
C
r
e
w
o
P
D
N
G
2
H
C
S
B
2
H
C
T
U
O
V C
C
1
H
C
T
U
O
1
H
C
S
B
1
H
C
r
e
w
o
P
D
N
G
t
a
e
g
a
t
l
o
V
n
i
P
e
d
o
m
t
n
e
c
s
e
i
u
q
4
.
13
0
.
00
00
.
3
13
0
.
04
.
10
9
.
1
18
.
62
.
3
18
.
69
.
1
10
Proper Cares in Using IC
· Maximum ratings
If the IC is used in the vicinity of the maximum ratings, even a slight variation in conditions may cause the maximum
ratings to be exceeded, thereby leading to breakdown. Allow an ample margin of variation for supply voltage, etc. and
use the IC in the range where the maximum ratings are not exceeded.
· Printed circuit board
When making the board, refer to the sample printed circuit pattern and be careful that no feedback loop is formed
between input and output.
· Oscillation preventing capacitor
Normally, a polyester film capacitor is used for 0.1
µF + 4.7Ω. The capacitance value can be reduced to 0.047µF depend-
ing on the stability of the board.
· Others
Connect the radiator fin of the package to GND.


Similar Part No. - LA4440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4440 ONSEMI-LA4440 Datasheet
538Kb / 13P
   Power Amplifier
July, 2013
LA4440J-K-E ONSEMI-LA4440J-K-E Datasheet
538Kb / 13P
   Power Amplifier
July, 2013
More results

Similar Description - LA4440

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4250 SANYO-LA4250 Datasheet
303Kb / 7P
   6W - 8W TYP AMP
logo
NTE Electronics
NTE1377 NTE-NTE1377 Datasheet
23Kb / 2P
   Integrated Circuit AF Power Amplifier, 6W/Channel
logo
Toshiba Semiconductor
TA7241AP TOSHIBA-TA7241AP Datasheet
733Kb / 13P
   5.8M DUAL AUDIO POWER AMPLIFIER 19W BTL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
CTC810 YOUDA-CTC810 Datasheet
119Kb / 4P
   6W AUDIO POWER AMPLIFIER
YD1519B YOUDA-YD1519B Datasheet
96Kb / 6P
   6W STEREO POWER AMPLIFIER
logo
NTE Electronics
NTE1602 NTE-NTE1602 Datasheet
78Kb / 2P
   Integrated Circuit Power Amplifier for Car Radio, 19W
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
   6W Streo Audio Power Amplifier
logo
Texas Instruments
LM4940 TI1-LM4940_14 Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
logo
Sanyo Semicon Device
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com