Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4T28-BR12SH1TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # M4T28-BR12SH1TR
Description  TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T28-BR12SH1TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M4T28-BR12SH1TR Datasheet HTML 8Page - STMicroelectronics M4T28-BR12SH1TR Datasheet HTML 9Page - STMicroelectronics M4T28-BR12SH1TR Datasheet HTML 10Page - STMicroelectronics M4T28-BR12SH1TR Datasheet HTML 11Page - STMicroelectronics M4T28-BR12SH1TR Datasheet HTML 12Page - STMicroelectronics M4T28-BR12SH1TR Datasheet HTML 13Page - STMicroelectronics M4T28-BR12SH1TR Datasheet HTML 14Page - STMicroelectronics M4T28-BR12SH1TR Datasheet HTML 15Page - STMicroelectronics M4T28-BR12SH1TR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
M4T28-BR12SH, M4T32-BR12SH
Revision history
15/16
8
Revision history
Table 7.
Document revision history
Date
Revision
Changes
Nov-1999
1
First issue
01-Mar-2001
2
Reformatted
04-Jun-2001
2.1
Basic textual changes from reformatting activity
10-Jul-2001
2.2
Changes references to “supervisor” from “controller;” clarify temperature
characteristics
21-Jan-2002
2.3
Change to include crystal accuracy (Table 3); add text for SNAPHAT®
insertion force tolerance and battery characteristics note
20-Aug-2002
2.4
Updated insertion/extraction data (Figure 2)
14-Mar-2003
2.5
Add pb-free note on page 1
20-Nov-2008
3
Reformatted document; updated cover page, Section 5: Package
mechanical data, Table 6; added Section 7: Environmental information.


Similar Part No. - M4T28-BR12SH1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4T28-BR12SH1TR STMICROELECTRONICS-M4T28-BR12SH1TR Datasheet
172Kb / 12P
TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T28-BR12SH1TR STMICROELECTRONICS-M4T28-BR12SH1TR Datasheet
135Kb / 16P
TIMEKEEPER SNAPHAT (battery and crystal)
More results

Similar Description - M4T28-BR12SH1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_09 Datasheet
234Kb / 16P
ZEROPOWER짰 SNAPHAT짰 (battery)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
135Kb / 16P
TIMEKEEPER SNAPHAT (battery and crystal)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
5.0 or 3.3V TIMEKEEPER짰 supervisor
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
5.0 or 3.3 V TIMEKEEPER짰 supervisor
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
Serial access real-time clock (RTC) with integral backup battery and crystal
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com