Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4145 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA4145
Description  0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4145 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA4145 Datasheet HTML 1Page - Sanyo Semicon Device LA4145 Datasheet HTML 2Page - Sanyo Semicon Device LA4145 Datasheet HTML 3Page - Sanyo Semicon Device LA4145 Datasheet HTML 4Page - Sanyo Semicon Device LA4145 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment,
nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or
indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors
and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and
expenses associated with such use:
2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO
ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume
production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use
or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of May, 1996. Specifications and information herein are subject to change without notice.
VG–RNF
External feedback resistor, RNF – Ω
VNO –VCC
Supply voltage, VCC –V
B.P.F.=20Hz to 20kHz
tS –C1,C5
Complete discharge
C1,C5 –µF
tS –VCC
Complete discharge
Supply voltage, VCC –V
ICCO −Ta
Ambient temperature, Ta – °C
PO –Ta
Ambient temperature, Ta – °C
LA4145
No.1339-5/5


Similar Part No. - LA4145

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4145 SANYO-LA4145 Datasheet
143Kb / 1P
2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
More results

Similar Description - LA4145

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
LA4147 SANYO-LA4147 Datasheet
247Kb / 5P
0.6 To 0.9 AF Power Amplifier
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4183 SANYO-LA4183 Datasheet
286Kb / 11P
2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
2-Channel Power Amp for Radio-Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com