Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4145 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA4145
Description  0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4145 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA4145 Datasheet HTML 1Page - Sanyo Semicon Device LA4145 Datasheet HTML 2Page - Sanyo Semicon Device LA4145 Datasheet HTML 3Page - Sanyo Semicon Device LA4145 Datasheet HTML 4Page - Sanyo Semicon Device LA4145 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
THD−PO
Output power, PO −W
Pd−PO
Output power, PO −W
Pd−PO
Output power, PO −W
VG−f
Frequency,f−Hz
VNO –Rg
Without B.P.F.
With B.P.F.
Signal source resistance, Rg –
THD–f
Frequency,f−Hz
B.P.F.= 20Hz to 20kHz
SVRR – VG
Voltage gain, VG – dB
VNO –VG
Without B.P.F.
With B.P.F.
Voltage gain, VG – dB
B.P.F.= 20Hz to 20kHz
LA4145
No.1339-4/5


Similar Part No. - LA4145

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4145 SANYO-LA4145 Datasheet
143Kb / 1P
2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
More results

Similar Description - LA4145

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
LA4147 SANYO-LA4147 Datasheet
247Kb / 5P
0.6 To 0.9 AF Power Amplifier
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4183 SANYO-LA4183 Datasheet
286Kb / 11P
2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
2-Channel Power Amp for Radio-Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com