Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4145 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4145
Description  0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4145 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4145 Datasheet HTML 1Page - Sanyo Semicon Device LA4145 Datasheet HTML 2Page - Sanyo Semicon Device LA4145 Datasheet HTML 3Page - Sanyo Semicon Device LA4145 Datasheet HTML 4Page - Sanyo Semicon Device LA4145 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.6 to 0.9 W AF Power Amplifier
for Radio Cassette Recorders
Features
.
The LA4145 is especially suited for use in cassette tape
recorder, radio-cassette, recorder, stereo cassette player
applications.
.
0.6 W typ/VCC = 6.0 V, RL =8 Ω, THD = 10%
0.9 W typ/VCC = 6.0 V, RL =4 Ω, THD = 10%
.
Minimum number of external parts required
.
Soft clip
.
Small pop noise at VCC ON/OFF mode
.
Voltage gain fixed at 50 dB.
An external resistor can be connected to reduce this value.
Package Dimensions
unit : mm
3017C-SIP9
[LA4145]
SANYO : SIP9
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Quiescent mode
9
V
Operating mode RL =8 Ω
8V
Maximum output current
IO peak
500
mA
Allowable power dissipation
Pd max
50
× 50 mm2 with PCB
0.9
W
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +150
°C
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
6V
Recommended load resistance
RL
4to8
Operating voltage range
VCC
3.6 to 8
V
Operating Characteristics at Ta = 25°C, VCC = 6.0 V, RL =8 Ω,Rg=600 Ω,f=1kHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
LA4145
10
20
mA
Voltage gain
VG
48
50
52
dB
Output power
PO
THD = 10%, RL =4 Ω
0.9
W
THD = 10%, RL =8 Ω
0.45
0.6
W
Total harmonic distortion
THD
PO = 0.1 W
0.2
1.0
%
Input resistance
ri
30
k
Output noise voltage
VNO
Rg=10k
Ω, B.P.F. = 20 Hz to 20 kHz
0.6
1.2
mV
Ripple rejection ratio
SVRR
Rg = 0, fR = 100 Hz, VR = 150 mV
–35
–40
dB
Ordering number: EN1339D
Monolithic Linear IC
LA4145
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
53096HA(II)/O217KI/N055MW/4034/N163KI,TS No.1339-1/5


Similar Part No. - LA4145

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4145 SANYO-LA4145 Datasheet
143Kb / 1P
2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
More results

Similar Description - LA4145

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
LA4147 SANYO-LA4147 Datasheet
247Kb / 5P
0.6 To 0.9 AF Power Amplifier
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4183 SANYO-LA4183 Datasheet
286Kb / 11P
2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
2-Channel Power Amp for Radio-Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com