Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA3246 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA3246
Description  Stereo Preamplifier for Compact Double Cassette Playback-only Use
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3246 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA3246 Datasheet HTML 3Page - Sanyo Semicon Device LA3246 Datasheet HTML 4Page - Sanyo Semicon Device LA3246 Datasheet HTML 5Page - Sanyo Semicon Device LA3246 Datasheet HTML 6Page - Sanyo Semicon Device LA3246 Datasheet HTML 7Page - Sanyo Semicon Device LA3246 Datasheet HTML 8Page - Sanyo Semicon Device LA3246 Datasheet HTML 9Page - Sanyo Semicon Device LA3246 Datasheet HTML 10Page - Sanyo Semicon Device LA3246 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
.
Control circuit
The control circuit for each CONT pin is configured as shown below. When a voltage more than a given value is applied,
the level on the pin is fixed by clamp diode D1.
Description
.
Switching level VSW of the control circuit is fixed by voltage V13 which is 1/2 of the voltage on pin 13.
VSW = 1/2 V13
.
Clamp voltage VCLP at the time a voltage is applied to the CONT pin
VCLP = 1/2 × V13 + VD1+ VBE1
= 1/2
× V13 + 0.6 (0.3) + 0.6
where 0.9 V is for pin 9.
1.2 V is for pins 6, 15.
= 1/2
× V13 + (0.9 or 1.2)
.
The maximum voltage at which the CONT pin is brought to GND level is fixed by the level at which the Q2 is completely
turned OFF.
This level is:
1/2
× V13 – V
BE2 = 1/2 × V13 – 0.6 [V]
Switching is performed at a level less than this.
.
To turn ON/OFF
When turning ON:
.
VCONT min=R × IB max + Operation finish voltage.
IB =4µA
Operation finish voltage
Pins 6, 15 : = 1/2
× V13
Pin 9 :
= 1/2
× V13 + V
BE
= 1/2
× V13 + 0.6 [V]
.
VCONT max=R × IB max + Clamp voltage
R is restricted by IB max.
When the supply voltage is fixed, clamp voltage VCLP is fixed. When resistor R is fixed based on a balance with capacitor C,
resistor R is restricted by VCONT max. as shown below.
IB max = 100 µA ^
VCONT max – VCLP
R
The minimum value of resistor R is fixed by this equation.
Example
Assuming VCC = 10V,VCONT max = 10 V, Rmin is 50 kΩ.
Therefore, R = 100 k
Ω presents no problem.
When turning OFF:
Bring the level on the CONT pin to a level less than:
1/2
× V13 – V
BE2 = 1/2 × V13 – 0.6 [V]
Unit (resistance:
Ω, capacitance: F)
Control pin
Current route
at clamp mode
Note: For D1, a Schottky diode is used for pin 9
and a silicon diode is used for pins 6, 15.
To turn ON the control circuit to finish the
operation, IB is required. Control voltage
VOUT is obtained with IB of 4 µA min.
LA3246
No.2651-7/13


Similar Part No. - LA3246

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
Preamp For Compact Cassette Recording-only Use
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
Preamplifier for Compact Cassette Recorder Recording-only Use
More results

Similar Description - LA3246

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7352S PANASONIC-AN7352S Datasheet
49Kb / 3P
Playback Pre-amplifier for Stereo Cassette Deck
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
Stereo cassette head preamplifier and equalizer
1996 Feb 26
TDA1523 PHILIPS-TDA1523 Datasheet
121Kb / 16P
Stereo cassette head preamplifier and equalizer
1996 Feb 26
logo
STMicroelectronics
TDA7273 STMICROELECTRONICS-TDA7273 Datasheet
124Kb / 9P
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
logo
Toshiba Semiconductor
TA8189N TOSHIBA-TA8189N Datasheet
519Kb / 14P
QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
Preamp For Compact Cassette Recording-only Use
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
Preamplifier for Compact Cassette Recorder Recording-only Use
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
Compact Cassette Stereo Recording and Playback System
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com