Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA3246 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA3246
Description  Stereo Preamplifier for Compact Double Cassette Playback-only Use
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3246 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA3246 Datasheet HTML 1Page - Sanyo Semicon Device LA3246 Datasheet HTML 2Page - Sanyo Semicon Device LA3246 Datasheet HTML 3Page - Sanyo Semicon Device LA3246 Datasheet HTML 4Page - Sanyo Semicon Device LA3246 Datasheet HTML 5Page - Sanyo Semicon Device LA3246 Datasheet HTML 6Page - Sanyo Semicon Device LA3246 Datasheet HTML 7Page - Sanyo Semicon Device LA3246 Datasheet HTML 8Page - Sanyo Semicon Device LA3246 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Operating Characteristics at Ta = 25°C, VCC = 6.0 V, RL =10kΩ,f=1 kHz, 0 dB = 0.775 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
Icco
Nor/Nor speed forward
5
7
12
mA
Iccs
Metal/High speed forward
7
10
17
mA
Voltage gain (Open)
VGo
75
85
dB
Voltage gain (Closed)
VG
Nor/Nor speed, NAB
39.5
40.5
41.5
dB
Total harmonic distortion
THD
VO = 0.65 V, Nor/Nor speed
0.03
0.2
%
Maximum output voltage
VO max
THD = 1%, Nor/Nor speed
0.7
1.2
V
Crosstalk (between channels)
CT1
VO = –5 dBm, Rg = 2.2 kΩ, Nor/Nor speed
50
65
dB
Crosstalk (between F/R)
CT2
VO = –5 dBm, Rg = 2.2 kΩ, Nor/Nor speed
50
65
dB
Channel balance
VBL
VIN = –50 dBm
0
2
dB
Equivalent input noise voltage
VNI
Rg = 2.2 k
Ω, B.P.F 20 Hz to 20 kHz, Nor/Nor speed
0.9
1.7
µV
MIX output voltage
VOMIX
VO1, VO2 = 0 dBm
–3
0
+3dB
Ripple filter output current
IF OUT
10
15
mA
Electronic switch ON-state
resistance
Ron
Between P1 to P4 and 5, between pin 16 and 17
100
250
Between P1 to P7 and 10, between pin 10 and 14
30
70
DC feedback resistance
RF
240
300
360
Input bias current
IF
0.5
3.0
µA
Equivalent Circuit Block Diagram
Ambient temperature, Ta – °C
Pd max – Ta
Top view
LA3246
No.2651-2/13


Similar Part No. - LA3246

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
   Preamplifier for Compact Cassette Recorder Recording-only Use
More results

Similar Description - LA3246

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
   Preamplifier for Compact Cassette Recorder Recording-only Use
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
logo
Panasonic Semiconductor
AN7352S PANASONIC-AN7352S Datasheet
49Kb / 3P
   Playback Pre-amplifier for Stereo Cassette Deck
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
   RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
Toshiba Semiconductor
TA8189N TOSHIBA-TA8189N Datasheet
519Kb / 14P
   QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER
logo
STMicroelectronics
TDA7273 STMICROELECTRONICS-TDA7273 Datasheet
124Kb / 9P
   SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
TDA1523 PHILIPS-TDA1523 Datasheet
121Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com