Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA3246 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA3246
Description  Stereo Preamplifier for Compact Double Cassette Playback-only Use
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3246 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA3246 Datasheet HTML 1Page - Sanyo Semicon Device LA3246 Datasheet HTML 2Page - Sanyo Semicon Device LA3246 Datasheet HTML 3Page - Sanyo Semicon Device LA3246 Datasheet HTML 4Page - Sanyo Semicon Device LA3246 Datasheet HTML 5Page - Sanyo Semicon Device LA3246 Datasheet HTML 6Page - Sanyo Semicon Device LA3246 Datasheet HTML 7Page - Sanyo Semicon Device LA3246 Datasheet HTML 8Page - Sanyo Semicon Device LA3246 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Stereo Preamplifier for Compact Double Cassette
Playback-only Use
Overview
The LA3246 is a stereo preamplifier IC for double cassette
tape playback-only use. The LA3246 is intended for use in
portable radio-cassette tape recorders and tape decks.
Applications
.
Stereo compact cassette player for playback-only use
.
Stereo cassette deck player
Functions
.
Preamplifier
× 2, Mixing amplifier × 1, Electronic switch × 6
Features
.
On-chip electronic switch for input select (auto reverse or
A deck/B deck select)
.
On-chip electronic switch for normal/higher dubbing select
and electronic switch for metal/normal tape select
.
Wide operating voltage range (VCC op = 3.5 to 14 V)
.
With output MIX pin (for music select control)
.
Low noise voltage range (VNI = 0.9 µV typ, Rg = 2.2 kΩ
NAB)
.
Can be used in conjunction with the LA3240, 3241, 3242 to
easily make up a doublecassette dubbing system.
Package Dimensions
unit : mm
3021B-DIP20
[LA3246]
SANYO : DIP20 (300 mil)
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
16
V
Allowable power dissipation
Pd max
500
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Maxiumum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
6V
Operating voltage range
VCC op
3.5 to 14
V
Ordering number: EN 2651B
Monolithic Linear IC
LA3246
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
D3097HA(II)/41594HK/N107TA, TS No.2651-1/13


Similar Part No. - LA3246

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
   Preamplifier for Compact Cassette Recorder Recording-only Use
More results

Similar Description - LA3246

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
   Preamplifier for Compact Cassette Recorder Recording-only Use
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
logo
Panasonic Semiconductor
AN7352S PANASONIC-AN7352S Datasheet
49Kb / 3P
   Playback Pre-amplifier for Stereo Cassette Deck
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
   RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
Toshiba Semiconductor
TA8189N TOSHIBA-TA8189N Datasheet
519Kb / 14P
   QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER
logo
STMicroelectronics
TDA7273 STMICROELECTRONICS-TDA7273 Datasheet
124Kb / 9P
   SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
TDA1523 PHILIPS-TDA1523 Datasheet
121Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com