Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA3246 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA3246
Description  Stereo Preamplifier for Compact Double Cassette Playback-only Use
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3246 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA3246 Datasheet HTML 4Page - Sanyo Semicon Device LA3246 Datasheet HTML 5Page - Sanyo Semicon Device LA3246 Datasheet HTML 6Page - Sanyo Semicon Device LA3246 Datasheet HTML 7Page - Sanyo Semicon Device LA3246 Datasheet HTML 8Page - Sanyo Semicon Device LA3246 Datasheet HTML 9Page - Sanyo Semicon Device LA3246 Datasheet HTML 10Page - Sanyo Semicon Device LA3246 Datasheet HTML 11Page - Sanyo Semicon Device LA3246 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
(9) Example of voltage on each pin
Rg = 2.2 k
Ω, Ta = 25°C, VIN = 0, pins 6, 9 and 15 = GND
Pin
Supply voltage, VCC –V
Unit
4.5 V
6.0 V
9.0 V
12.0 V
1
0.3
0.3
0.3
0.3
mV
2
0.3
0.3
0.3
0.3
mV
3
0.59
0.58
0.57
0.56
V
4
1.63
2.23
3.65
5.02
V
5
1.63
2.23
3.65
5.02
V
6
(GND) 0
(GND) 0
(GND) 0
(GND) 0
V
7
0000
V
8
1.63
2.29
3.64
5.01
V
9
(GND) 0
(GND) 0
(GND) 0
(GND) 0
V
10
(GND) 0
(GND) 0
(GND) 0
(GND) 0
V
11
VCC
VCC
VCC
VCC
V
12
4.48
5.96
8.97
11.23
V
13
3.72
5.20
8.21
11.98
V
14
0000
V
15
(GND) 0
(GND) 0
(GND) 0
(GND) 0
V
16
1.63
2.23
3.65
5.02
V
17
1.63
2.23
3.65
5.02
V
18
0.59
0.58
0.57
0.56
V
19
0.3
0.3
0.3
0.3
mV
20
0.3
0.3
0.3
0.3
mV
Nor/High and Me/Nor SW on: Pins 6 and
15 are brought to supply voltage level.
Supply voltage, VCC –V
Supply voltage, VCC –V
Iccs, Icco – VCC
IB –VCC
Supply voltage, VCC –V
VGo, VG – fi
Input frequency, fi –Hz
VDC –VCC
Pin 12
Pin 13
Pins 4, 19
Pins 3,18
LA3246
No.2651-8/13


Similar Part No. - LA3246

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
   Preamplifier for Compact Cassette Recorder Recording-only Use
More results

Similar Description - LA3246

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
   Preamplifier for Compact Cassette Recorder Recording-only Use
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
logo
Panasonic Semiconductor
AN7352S PANASONIC-AN7352S Datasheet
49Kb / 3P
   Playback Pre-amplifier for Stereo Cassette Deck
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
   RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
Toshiba Semiconductor
TA8189N TOSHIBA-TA8189N Datasheet
519Kb / 14P
   QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER
logo
STMicroelectronics
TDA7273 STMICROELECTRONICS-TDA7273 Datasheet
124Kb / 9P
   SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
TDA1523 PHILIPS-TDA1523 Datasheet
121Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com