Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC733LC4B Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC733LC4B
Description  WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC733LC4B Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC733LC4B Datasheet HTML 1Page - Hittite Microwave Corporation HMC733LC4B Datasheet HTML 2Page - Hittite Microwave Corporation HMC733LC4B Datasheet HTML 3Page - Hittite Microwave Corporation HMC733LC4B Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
WIDEBAND MMIC VCO w/ BUFFER
AMPLIFIER, 10 - 20 GHz
v02.0810
General Description
Features
Functional Diagram
The HMC733LC4B is a wideband MMIC Voltage
Controlled Oscillator which incorporates the reson-
ator, negative resistance device, and varactor diode.
Output power and phase noise performance are
excellent over temperature due to the oscillator’s
monolithic construction. The Vtune port accepts
an analog tuning voltage from 0 to +22V. The
HMC733LC4B VCO operates from a single +5V supply,
consumes only 70 mA of current, and is housed in a
RoHS compliant SMT package. This wideband VCO
uniquely combines the attributes of ultra small size,
low phase noise, low power consumption, and wide
tuning range.
Wide Tuning Bandwidth
Pout: +3 dBm
Low SSB Phase Noise: -90 dBc/Hz @100 kHz
No External Resonator Needed
Single Positive Supply: +5V @ 70 mA
RoHS Compliant 4 x 4 mm SMT Package
Typical Applications
Low Noise wideband MMIC VCO is ideal for:
• Industrial/Medical Equipment
• Test & Measurement Equipment
• Military Radar, EW & ECM
Electrical Specifications, T
A = +25° C, Vcc = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
10 - 20
GHz
Power Output
3
dBm
SSB Phase Noise @ 10 kHz Offset
-60
dBc/Hz
SSB Phase Noise @ 100 kHz Offset
-90
dBc/Hz
Tune Voltage (Vtune)
-0.25
23
V
Supply Current (Icc) (Vcc = +5V)
70
mA
Tune Port Leakage Current (Vtune = +23V)
25
µA
Output Return Loss
10
dB
2nd Harmonic
-20
dBc
Pulling (into a 2.0:1 VSWR)
15
MHz pp
Vcc Pushing, Vtune = +20V, F = 20 GHz
-90
MHz/V
Frequency Drift Rate @ 10 GHz
-0.25
MHz/°C
Frequency Drift Rate @ 20 GHz
-0.80
MHz/°C
HMC733LC4B


Similar Part No. - HMC733LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC733LC4B HITTITE-HMC733LC4B Datasheet
362Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
logo
Hittite Microwave Corpo...
HMC733LC4B HITTITE-HMC733LC4B_11 Datasheet
362Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
More results

Similar Description - HMC733LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
HMC733LC4B HITTITE-HMC733LC4B_11 Datasheet
362Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com