Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM64Z834TQ10R Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM64Z834TQ10R
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z834TQ10R Datasheet(HTML) 1 Page - Motorola, Inc

  MCM64Z834TQ10R Datasheet HTML 1Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 2Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 3Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 4Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 5Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 6Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 7Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 8Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
MCM64Z834
•MCM64Z916
1
MOTOROLA FAST SRAM
Product Preview
256K x 36 and 512K x 18 Bit
ZBT
r Fast Static RAM
The ZBT RAM is an 8M–bit synchronous fast static RAM designed to provide
Zero Bus Turnaround
r. The ZBT RAM allows 100% use of bus cycles during
back–to–back read/write and write/read cycles. The MCM64Z834 (organized as
256K words by 36 bits) and the MCM64Z916 (organized as 512K words by 18
bits) are fabricated in Motorola’s high performance silicon gate CMOS tech-
nology. This device integrates input registers, an output register, a 2–bit address
counter, and high speed SRAM onto a single monolithic circuit for reduced parts
count in communication applications. Synchronous design allows precise cycle
control with the use of an external positive–edge–triggered clock (CK). CMOS
circuitry reduces the overall power consumption of the integrated functions for
greater reliability.
Addresses (SA), data inputs (DQ), and all control signals except output enable
(G) and linear burst order (LBO) are clock (CK) controlled through positive–
edge–triggered noninverting registers.
Write cycles are internally self–timed and are initiated by the rising edge of the
clock (CK) input. This feature eliminates complex off–chip write pulse generation
and provides increased timing flexibility for incoming signals. Write data is
supplied to the memory one cycle after the write sequence initiation for the flow–
through device, and two cycles after the write sequence initiation for the pipelined
device.
For flow–through read cycles, the SRAM allows output data to simply flow freely from the memory
array. For pipelined read cycles, the SRAM output data is temporarily stored by an edge–triggered
output register and then released to the output buffers at the next rising edge of clock (CK).
The MCM64Z834 and MCM64Z916 operate from a 2.5 V core power supply and all outputs oper-
ate on a 2.5 V power supply. All inputs and outputs are JEDEC Standard JESD8–5 compatible.
• 2.5 V ±200 mV Core Power Supply, 2.5 V I/O Supply
• MCM64Z834/916–10 = 10 ns Flow–Through Access/4 ns Pipelined Access (143 MHz)
MCM64Z834 / 916–11 = 11 ns Flow–Through Access / 4.2 ns Pipelined Access (133 MHz)
MCM64Z834 / 916–15 = 15 ns Flow–Through Access / 5 ns Pipelined Access (100 MHz)
• Selectable Read/Write Functionality (Flow–Through/Pipelined)
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Internally Self–Timed Write Cycle
• Two–Cycle Deselect (Pipelined)
• Byte Write Control
• ADV Controlled Burst
• Simplified JTAG
• 100–Pin TQFP and 119–Bump PBGA Packages
ZBT and Zero Bus Turnaround are trademarks of Integrated Device Technology, Inc., and the architecture is supported by
Micron Technology, Inc. and Motorola, Inc.
This document contains information on a new product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MCM64Z834/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM64Z834
MCM64Z916
TQ PACKAGE
TQFP
CASE 983A–01
ZP PACKAGE
PBGA
CASE 999–02
REV 2
9/20/99
© Motorola, Inc. 1999
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z834TQ10R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7 MOTOROLA-MCM64Z836TQ7 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7R MOTOROLA-MCM64Z836TQ7R Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8 MOTOROLA-MCM64Z836TQ8 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8.5 MOTOROLA-MCM64Z836TQ8.5 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z834TQ10R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com