Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM64Z834TQ10R Datasheet(PDF) 33 Page - Motorola, Inc

Part # MCM64Z834TQ10R
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z834TQ10R Datasheet(HTML) 33 Page - Motorola, Inc

Back Button MCM64Z834TQ10R Datasheet HTML 26Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 27Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 28Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 29Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 30Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 31Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 32Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 33Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 34Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
MCM64Z834
•MCM64Z916
33
MOTOROLA FAST SRAM
TQ PACKAGE
TQFP
CASE 983A–01
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
–––
1.60
–––
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.45
0.053
0.057
b
0.22
0.38
0.009
0.015
b1
0.22
0.33
0.009
0.013
c
0.09
0.20
0.004
0.008
c1
0.09
0.16
0.004
0.006
D
22.00 BSC
0.866 BSC
E
16.00 BSC
0.630 BSC
E1
14.00 BSC
0.551 BSC
e
0.65 BSC
0.026 BSC
L
0.45
0.75
0.018
0.030
L1
1.00 REF
0.039 REF
L2
0.50 REF
S
0.20
–––
0.008
–––
R1
0.08
–––
0.003
–––
R2
0.08
0.20
0.003
0.008
q
0
7
0
7
q
0
–––
0
–––
q
11
13
11
13
q
11
13
11
13
1
2
3
D1
20.00 BSC
0.787 BSC
0.020 REF
_
_
_
_
_
_
_
_
_
_
_
_
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE –H– IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DATUMS –A–, –B– AND –D– TO BE DETERMINED
AT DATUM PLANE –H–.
5. DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE –C–.
6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
(0.010) PER SIDE. DIMENSIONS D1 AND B1 DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE –H–.
7. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE b DIMENSION TO EXCEED 0.45
(0.018).
A–B
0.20 (0.008) H
e
D
A–B
0.20 (0.008) C
D
A–B
0.20 (0.008) C
D
0.10 (0.004) C
0.25 (0.010)
S
0.05 (0.002)
S
A–B
M
0.13 (0.005)
D S
C
e/2
D/2
E
E1
D1
D
D1/2
E1/2
E/2
4X
2X 30 TIPS
2X 20 TIPS
–D–
–B–
–A–
–C–
–H–
q1
q3
q2
q
100
81
80
51
50
31
30
1
PLATING
SECTION B–B
c1
c
b
b1
BASE
METAL
A
SEATING
PLANE
VIEW AB
S
VIEW AB
A2
A1
R1
L2
L
L1
R2
GAGE PLANE
–X–
VIEW Y
B
B
X=A, B, OR D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z834TQ10R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7 MOTOROLA-MCM64Z836TQ7 Datasheet
740Kb / 34P
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7R MOTOROLA-MCM64Z836TQ7R Datasheet
740Kb / 34P
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8 MOTOROLA-MCM64Z836TQ8 Datasheet
740Kb / 34P
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8.5 MOTOROLA-MCM64Z836TQ8.5 Datasheet
740Kb / 34P
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z834TQ10R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
Motorola, Inc
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com