Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM64Z834TQ10R Datasheet(PDF) 31 Page - Motorola, Inc

Part # MCM64Z834TQ10R
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z834TQ10R Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MCM64Z834TQ10R Datasheet HTML 26Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 27Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 28Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 29Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 30Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 31Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 32Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 33Page - Motorola, Inc MCM64Z834TQ10R Datasheet HTML 34Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
MCM64Z834
•MCM64Z916
31
MOTOROLA FAST SRAM
STANDARD AND DEVICE SPECIFIC (PUBLIC) INSTRUCTION CODES
Instruction
Code*
Description
IDCODE
001**
Preloads ID register and places it between TDI and TDO. Does not affect RAM operation.
HIGH–Z
010
Captures I/O ring contents. Places the bypass register between TDI and TDO. Forces all DQ pins
to High–Z. NOT IEEE 1149.1 COMPLIANT.
BYPASS
011
Places bypass register between TDI and TDO. Does not affect RAM operation. NOT IEEE 1149.1
COMPLIANT.
SAMPLE/PRELOAD
100
Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Does not
affect RAM operation.
Does not implement IEEE 1149.1 Preload function. NOT IEEE 1149.1 COMPLIANT.
* Instruction codes expressed in binary, MSB on left, LSB on right.
** Default instruction automatically loaded when TRST asserted or in test–logic–reset state.
STANDARD (PRIVATE) INSTRUCTION CODES
Instruction
Code*
Description
NO OP
000
Do not use these instructions; they are reserved for future use.
NO OP
101
Do not use these instructions; they are reserved for future use.
NO OP
110
Do not use these instructions; they are reserved for future use.
NO OP
111
Do not use these instructions; they are reserved for future use.
* Instruction codes expressed in binary, MSB on left, LSB on right.
CAPTURE–DR
EXIT1–DR
EXIT2–DR
UPDATE–DR
CAPTURE–IR
EXIT1–IR
EXIT2–IR
UPDATE–IR
SHIFT–IR
PAUSE–IR
PAUSE–DR
TEST–LOGIC
RESET
RUN–TEST/
IDLE
SELECT
DR–SCAN
SELECT
IR–SCAN
1
0
1
1
1
1
1
1
1
11
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
NOTE: The value adjacent to each state transition represents the signal present at TMS at the rising edge of TCK.
0
Figure 13. TAP Controller State Diagram
0
SHIFT–DR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z834TQ10R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7 MOTOROLA-MCM64Z836TQ7 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7R MOTOROLA-MCM64Z836TQ7R Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8 MOTOROLA-MCM64Z836TQ8 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8.5 MOTOROLA-MCM64Z836TQ8.5 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z834TQ10R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com