Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM64Z834TQ10 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM64Z834TQ10
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z834TQ10 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM64Z834TQ10 Datasheet HTML 1Page - Motorola, Inc MCM64Z834TQ10 Datasheet HTML 2Page - Motorola, Inc MCM64Z834TQ10 Datasheet HTML 3Page - Motorola, Inc MCM64Z834TQ10 Datasheet HTML 4Page - Motorola, Inc MCM64Z834TQ10 Datasheet HTML 5Page - Motorola, Inc MCM64Z834TQ10 Datasheet HTML 6Page - Motorola, Inc MCM64Z834TQ10 Datasheet HTML 7Page - Motorola, Inc MCM64Z834TQ10 Datasheet HTML 8Page - Motorola, Inc MCM64Z834TQ10 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCM64Z834
•MCM64Z916
4
MOTOROLA FAST SRAM
MCM64Z834 TQFP PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
85
ADV
Input
Synchronous Load/Advance: Loads a new address into counter when
low. RAM uses internally generated burst addresses when high.
89
CK
Input
Clock: This signal registers the address, data in, and all control signals
except G and LBO.
87
CKE
Input
Clock Enable: Disables the CK input when CKE is high.
(a) 51, 52, 53, 56, 57, 58, 59, 62, 63
(b) 68, 69, 72, 73, 74, 75, 78, 79, 80
(c) 1, 2, 3, 6, 7, 8, 9, 12, 13
(d) 18, 19, 22, 23, 24, 25, 28, 29, 30
DQx
I/O
Synchronous Data I/O: “x” refers to the byte being read or written
(byte a, b, c, d).
14, 66
FT
Input
Flow–Through Option Input: This pin must remain in steady state (this
signal is not registered or latched). It must be tied high or low.
Low — flow–through functionality.
High — pipelined functionality.
86
G
Input
Asynchronous Output Enable.
31
LBO
Input
Linear Burst Order Input: This pin must remain in steady state (this
signal not registered or latched). It must be tied high or low.
Low — linear burst counter.
High — interleaved burst counter.
32, 33, 34, 35, 44, 45, 46, 47, 48, 49,
50, 81, 82, 83, 99, 100
SA
Input
Synchronous Address Inputs: These inputs are registered and must
meet setup and hold times.
37, 36
SA0, SA1
Input
Synchronous Burst Address Inputs: The two LSBs of the address field.
These pins must preset the burst address counter values. These inputs
are registered and must meet setup and hold times.
93, 94, 95, 96
(a) (b) (c) (d)
SBx
Input
Synchronous Byte Write Inputs: Enables write to byte “x”
(byte a, b, c, d) in conjunction with SW. Has no effect on read cycles.
98
SE1
Input
Synchronous Chip Enable: Active low to enable chip.
97
SE2
Input
Synchronous Chip Enable: Active high for depth expansion.
92
SE3
Input
Synchronous Chip Enable: Active low for depth expansion.
88
SW
Input
Synchronous Write: This signal writes only those bytes that have been
selected using the byte write SBx pins.
15, 16, 41, 65, 91
VDD
Supply
Core Power Supply.
4, 11, 20, 27, 54, 61, 70, 77
VDDQ
Supply
I/O Power Supply.
5, 10, 17, 21, 26, 40, 55, 60, 64, 67,
71, 76, 90
VSS
Supply
Ground.
38, 39, 42, 43, 84
NC
No Connection: There is no connection to the chip.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z834TQ10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7 MOTOROLA-MCM64Z836TQ7 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ7R MOTOROLA-MCM64Z836TQ7R Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8 MOTOROLA-MCM64Z836TQ8 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836TQ8.5 MOTOROLA-MCM64Z836TQ8.5 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z834TQ10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com