Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTN12 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DTN12
Description  12A Bidirectional Thyristor???
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DTN12 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DTN12 Datasheet HTML 1Page - Sanyo Semicon Device DTN12 Datasheet HTML 2Page - Sanyo Semicon Device DTN12 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - DTN12

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTN110N120SC4 DINTEK-DTN110N120SC4 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN19N120SC3 DINTEK-DTN19N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
More results

Similar Description - DTN12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTA05 SANYO-DTA05 Datasheet
78Kb / 3P
0.5A Bidirectional Thyristor
DTA08E SANYO-DTA08E Datasheet
43Kb / 2P
0.8A Bidirectional Thyristor?
DTB3 SANYO-DTB3 Datasheet
95Kb / 3P
3.0A Bidirectional Thyristor?
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
DTC12-N SANYO-DTC12-N Datasheet
98Kb / 3P
12A Bidirectional Thyristor?
DTC8-N SANYO-DTC8-N Datasheet
246Kb / 3P
8A Bidirectional Thyristor
DTM12-N SANYO-DTM12-N Datasheet
100Kb / 3P
12A Bidirectional Thyristor???
DTM6-N SANYO-DTM6-N Datasheet
103Kb / 3P
6A Bidirectional Thyristor?
logo
Renesas Technology Corp
CR12CM-12B RENESAS-CR12CM-12B_15 Datasheet
130Kb / 9P
600V - 12A - Thyristor
logo
ON Semiconductor
NYE08-10B6TG ONSEMI-NYE08-10B6TG Datasheet
119Kb / 7P
Silicon Bidirectional Thyristor
November, 2012??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com