Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX1050G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IFX1050G
Description  High Speed CAN-Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1050G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IFX1050G Datasheet HTML 4Page - Infineon Technologies AG IFX1050G Datasheet HTML 5Page - Infineon Technologies AG IFX1050G Datasheet HTML 6Page - Infineon Technologies AG IFX1050G Datasheet HTML 7Page - Infineon Technologies AG IFX1050G Datasheet HTML 8Page - Infineon Technologies AG IFX1050G Datasheet HTML 9Page - Infineon Technologies AG IFX1050G Datasheet HTML 10Page - Infineon Technologies AG IFX1050G Datasheet HTML 11Page - Infineon Technologies AG IFX1050G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
8
Rev. 1.0, 2009-05-14
IFX1050G
Electrical Characteristics
6
Electrical Characteristics
Table 3
Electrical Characteristics
4.5 V <
V
CC < 5.5 V; RL = 60 Ω; VINH < VINH,ON; -40 °C < Tj < 125 °C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.
Current Consumption
Current consumption
I
CC
6
10
mA
Recessive state;
V
TxD = VCC
Current consumption
I
CC
45
70
mA
Dominant state;
V
TxD = 0 V
Current consumption
I
CC
6
10
mA
Receive - Only Mode;
RM = “LOW”
Current consumption
I
CC,stb
–1
10
µA
Stand - By Mode;
TxD = RM = “High”
Receiver Output RxD
HIGH level output current
I
RD,H
-4-2mA
V
RD = 0.8 × VCC,
V
diff < 0.4 V
1)
LOW level output current
I
RD,L
24
–mA
V
RD = 0.2 × VCC,
V
diff > 1 V
1)
Transmission Input TxD
HIGH level input voltage threshold
V
TD,H
–0.5
×
V
CC
0.7
×
V
CC
V
Recessive state
LOW level input voltage threshold
V
TD,L
0.3
×
V
CC
0.4
×
V
CC
V
Dominant state
TxD pull-up resistance
R
TD
10
25
50
k
Inhibit Input (pin INH)
HIGH level input voltage threshold
V
INH,H
–0.5
×
V
CC
0.7
×
V
CC
V
Stand - By Mode;
LOW level input voltage threshold
V
INH,L
0.3
×
V
CC
0.4
×
V
CC
V
Normal Mode
INH pull-up resistance
R
INH
10
25
50
k
Receive only Input (pin RM)
HIGH level input voltage threshold
V
RM,H
–0.5
×
V
CC
0.7
×
V
CC
V
Normal Mode
LOW level input voltage threshold
V
RM,L
0.3
×
V
CC
0.4
×
V
CC
V
Receive - Only Mode
RM pull-up resistance
R
RM
10
25
50
k


Similar Part No. - IFX1050G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results

Similar Description - IFX1050G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com