Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX1050G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IFX1050G
Description  High Speed CAN-Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1050G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IFX1050G Datasheet HTML 3Page - Infineon Technologies AG IFX1050G Datasheet HTML 4Page - Infineon Technologies AG IFX1050G Datasheet HTML 5Page - Infineon Technologies AG IFX1050G Datasheet HTML 6Page - Infineon Technologies AG IFX1050G Datasheet HTML 7Page - Infineon Technologies AG IFX1050G Datasheet HTML 8Page - Infineon Technologies AG IFX1050G Datasheet HTML 9Page - Infineon Technologies AG IFX1050G Datasheet HTML 10Page - Infineon Technologies AG IFX1050G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IFX1050G
Electrical Characteristics
Data Sheet
7
Rev. 1.0, 2009-05-14
5
Electrical Characteristics
5.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
5.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
5.3
Thermal Resistance
Table 1
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Voltages
Supply voltage
V
CC
-0.3
6.5
V
CAN input voltage (CANH, CANL)
V
CANH/L
-40
40
V
Logic voltages at INH, RM, TxD, RxD
V
I
-0.3
V
CC
V0 V <
V
CC < 5.5 V
Electrostatic discharge voltage at
CANH, CANL
V
ESD
-6
6
kV
human body model (100 pF via
1.5 k
Ω)
Electrostatic discharge voltage
V
ESD
-2
2
kV
human body model (100 pF via
1.5 k
Ω)
Temperatures
Junction temperature
T
j
-40
160
°C–
Table 2
Functional Range
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
Supply voltage
V
CC
4.5
5.5
V
Junction temperature
T
j
-40
125
°C–
Thermal Shutdown (junction temperature)
Thermal shutdown temperature
T
jsD
160
200
°C
10
°C hysteresis
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.3.1
Junction to Ambient1)
1) Not subject to production test, specified by design.
R
thJA
––
185
K/W


Similar Part No. - IFX1050G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results

Similar Description - IFX1050G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com