Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX1050G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX1050G
Description  High Speed CAN-Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1050G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX1050G Datasheet HTML 2Page - Infineon Technologies AG IFX1050G Datasheet HTML 3Page - Infineon Technologies AG IFX1050G Datasheet HTML 4Page - Infineon Technologies AG IFX1050G Datasheet HTML 5Page - Infineon Technologies AG IFX1050G Datasheet HTML 6Page - Infineon Technologies AG IFX1050G Datasheet HTML 7Page - Infineon Technologies AG IFX1050G Datasheet HTML 8Page - Infineon Technologies AG IFX1050G Datasheet HTML 9Page - Infineon Technologies AG IFX1050G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
6
Rev. 1.0, 2009-05-14
IFX1050G
Operation Modes
4
Operation Modes
Figure 3
Mode State Diagram
The IFX1050G is equipped with three different operation modes.
4.1
Normal Mode
In the Normal Mode the device is able to receive data from the CAN bus and to transmit messages to the CAN bus.
The IFX1050G enters Normal Mode by setting the INH input to logical “LOW” and the RM input to logical “HIGH”
(see Figure 3).
4.2
Stand - By Mode
Stand - By Mode is a Low - Power mode with reduced current consumption on the power supply
V
CC.
In Stand - By Mode the receiver and the transceiver of the IFX1050G are disabled and the device can not receive
any data from the CAN bus, nor transmit any data to the CAN bus. The IFX1050G enters Stand - By Mode by
setting the INH input to logical “HIGH” (see Figure 3).
When the Stand - By mode is not used the INH pin has to be connected to GND in order to switch the IFX1050G
permanently into Normal Mode.
4.3
Receive - Only Mode
The Receive - Only Mode can be used for diagnostic purposes (to check the bus connections between the nodes)
as well as to prevent the bus being blocked by a faulty permanent dominant TxD input signal. In Receive - Only
Mode the output stage of the transceiver IFX1050G is disabled. The IFX1050G can not send any data to the
CAN bus, but is still able to receive data from the CAN bus. The IFX1050G enters Receive - Only Mode by setting
the RM input and the INH input to logical “LOW” (see Figure 3).
In case the Receive - Only Mode is not used, the RM pin can be left open or it can be also connected to the power
supply
V
CC.
AED02924
Normal Mode
INH = 0
RM = 1
INH = 0
Receive-only Mode
RM = 0
INH = 1
Stand-by Mode
RM = 0 / 1
INH = 0
and RM = 0
INH = 1
INH = 1
INH = 0
and RM = 1
RM = 0
RM = 1


Similar Part No. - IFX1050G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results

Similar Description - IFX1050G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com