Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX1050G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IFX1050G
Description  High Speed CAN-Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1050G Datasheet(HTML) 3 Page - Infineon Technologies AG

  IFX1050G Datasheet HTML 1Page - Infineon Technologies AG IFX1050G Datasheet HTML 2Page - Infineon Technologies AG IFX1050G Datasheet HTML 3Page - Infineon Technologies AG IFX1050G Datasheet HTML 4Page - Infineon Technologies AG IFX1050G Datasheet HTML 5Page - Infineon Technologies AG IFX1050G Datasheet HTML 6Page - Infineon Technologies AG IFX1050G Datasheet HTML 7Page - Infineon Technologies AG IFX1050G Datasheet HTML 8Page - Infineon Technologies AG IFX1050G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PG-DSO-8
Type
Package
Marking
IFX1050G
PG-DSO-8
IFX1050G
Data Sheet
3
Rev. 1.0, 2009-05-14
High Speed CAN-Transceiver
IFX1050G
1Overview
Features
CAN data transmission rates from 1 kBaud
up to 1 MBaud
Receive - Only Mode and Stand - By Mode
Optimized Electromagnetic Compatibility (EMC)
Optimized for a high immunity against
Electromagnetic Interference (EMI)
Bus pins are short circuit proof
Over - temperature protection
Very wide temperature range (-40
°C up to 125 °C)
Green Product (RoHS compliant)
Description
The IFX1050G is optimized for high speed differential mode data transmission in industrial applications and it is
compliant to ISO11898-2. The transceiver IFX1050G works as an interface between the CAN protocol controller
and the physical differential bus in High Speed CAN applications. It supports data transmission rates from 1 kBaud
up to 1 MBaud.
The IFX1050G has three different operation modes:
The Normal Mode, the Receive - Only Mode and the Stand - By Mode. The mode selection is controlled by the
logical input pins RM and INH.
The IC is based on the Smart Power Technology SPT® which allows bipolar and CMOS control circuitry in
accordance with DMOS power devices existing on the same monolithic circuit. The IFX1050G is designed to
withstand the severe conditions in industrial applications and provides excellent EMC performance within a broad
frequency range.


Similar Part No. - IFX1050G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results

Similar Description - IFX1050G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com