Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA20N120FTD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGA20N120FTD
Description  1200V, 20A Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA20N120FTD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGA20N120FTD Datasheet HTML 1Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 2Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 3Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 4Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 5Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 6Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 7Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 8Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FGA20N120FTD Rev. A
Typical Performance Characteristics
Figure 7. Saturation Voltage vs. VGE
Figure 8. Capacitance Characteristics
Figure 9. Gate charge Characteristics
Figure 10. SOA Characteristics
Figure 11. Turn-on Characteristics vs.
Figure 12. Turn-off Characteristics vs.
0
4
8
121620
0
4
8
12
16
20
IC = 10A
20A
40A
Common Emitter
TC = 125
o
C
Gate-Emitter Voltage, VGE [V]
110
0
1000
2000
3000
4000
5000
Common Emitter
VGE = 0V, f = 1MHz
TC = 25
o
C
C
res
C
oes
C
ies
Collector-Emitter Voltage, VCE [V]
30
0
306090
120
150
0
3
6
9
12
15
Common Emitter
TC = 25
o
C
600V
400V
V
CC = 200V
Gate Charge, Qg [nC]
1
10
100
1000
0.01
0.1
1
10
100
1ms
10 ms
DC
*Notes:
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
10µs
100µs
Collector-Emitter Voltage, VCE [V]
2000
0
20
406080
100
10
100
Common Emitter
VCC = 600V, VGE = 15V
IC = 20A
TC = 25
o
C
TC = 125
o
C
t
d(on)
t
r
Gate Resistance, RG []
300
0
20406080
100
100
1000
2000
70
Common Emitter
VCC = 600V, VGE = 15V
IC = 20A
TC = 25
o
C
TC = 125
o
C
t
d(off)
t
f
Gate Resistance, RG []
Gate Resistance
Gate Resistance


Similar Part No. - FGA20N120FTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA20S120M FAIRCHILD-FGA20S120M Datasheet
795Kb / 8P
   1200V, 20A Shorted-Anode IGBT
FGA20S125P FAIRCHILD-FGA20S125P Datasheet
1Mb / 8P
   1250 V, 20 A Shorted-anode IGBT
FGA20S140P FAIRCHILD-FGA20S140P Datasheet
872Kb / 8P
   Shorted AnodeTM IGBT
More results

Similar Description - FGA20N120FTD

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE20G120T NCEPOWER-NCE20G120T Datasheet
348Kb / 8P
   1200V, 20A, Trench NPT IGBT
logo
Renesas Technology Corp
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_15 Datasheet
114Kb / 10P
   1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0 Datasheet
59Kb / 4P
   1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_13 Datasheet
116Kb / 10P
   1200V - 20A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA20S120M FAIRCHILD-FGA20S120M Datasheet
795Kb / 8P
   1200V, 20A Shorted-Anode IGBT
logo
Renesas Technology Corp
RJH1CD5DPQ-E0 RENESAS-RJH1CD5DPQ-E0 Datasheet
59Kb / 4P
   1200V - 20A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGL35N120FTD FAIRCHILD-FGL35N120FTD Datasheet
732Kb / 9P
   1200V, 35A Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com