Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA20N120FTD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGA20N120FTD
Description  1200V, 20A Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA20N120FTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGA20N120FTD Datasheet HTML 1Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 2Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 3Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 4Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 5Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 6Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 7Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 8Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FGA20N120FTD Rev. A
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
30
60
90
120
150
180
8V 7V
9V
17V
20V
TC = 25
o
C
15V
12V
10V
VGE = 6V
Collector-Emitter Voltage, VCE [V]
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
30
60
90
120
150
180
17V
7V
10V
9V
8V
20V
TC = 125
o
C
15V
12V
VGE = 6V
Collector-Emitter Voltage, VCE [V]
01
23456
0
20
40
60
80
100
120
Common Emitter
VGE = 15V
TC = 25
o
C
TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
36
9
12
15
0
20
40
60
80
100
120
Common Emitter
VCE = 20V
TC = 25
o
C
TC = 125
o
C
Gate-Emitter Voltage,VGE [V]
25
50
75
100
125
1.2
1.6
2.0
2.4
2.8
40A
20A
IC = 10A
Common Emitter
VGE = 15V
Collector-EmitterCase Temperature, TC [
o
C]
0
4
8
12
16
20
0
4
8
12
16
20
IC = 10A
20A
40A
Common Emitter
T
C = 25
o
C
Gate-Emitter Voltage, VGE [V]


Similar Part No. - FGA20N120FTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA20S120M FAIRCHILD-FGA20S120M Datasheet
795Kb / 8P
   1200V, 20A Shorted-Anode IGBT
FGA20S125P FAIRCHILD-FGA20S125P Datasheet
1Mb / 8P
   1250 V, 20 A Shorted-anode IGBT
FGA20S140P FAIRCHILD-FGA20S140P Datasheet
872Kb / 8P
   Shorted AnodeTM IGBT
More results

Similar Description - FGA20N120FTD

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE20G120T NCEPOWER-NCE20G120T Datasheet
348Kb / 8P
   1200V, 20A, Trench NPT IGBT
logo
Renesas Technology Corp
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_15 Datasheet
114Kb / 10P
   1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0 Datasheet
59Kb / 4P
   1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_13 Datasheet
116Kb / 10P
   1200V - 20A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA20S120M FAIRCHILD-FGA20S120M Datasheet
795Kb / 8P
   1200V, 20A Shorted-Anode IGBT
logo
Renesas Technology Corp
RJH1CD5DPQ-E0 RENESAS-RJH1CD5DPQ-E0 Datasheet
59Kb / 4P
   1200V - 20A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGL35N120FTD FAIRCHILD-FGL35N120FTD Datasheet
732Kb / 9P
   1200V, 35A Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com