Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA20N120FTD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGA20N120FTD
Description  1200V, 20A Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA20N120FTD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGA20N120FTD Datasheet HTML 1Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 2Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 3Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 4Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 5Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 6Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 7Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 8Page - Fairchild Semiconductor FGA20N120FTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FGA20N120FTD Rev. A
Electrical Characteristics of the Diode T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Units
VFM
Diode Forward Voltage
IF = 20A
TC = 25
oC
-
1.3
1.7
V
TC = 125
oC
-
1.3
-
trr
Diode Reverse Recovery Time
IES =20A,
dI/dt = 200A/
µs
TC = 25
oC
-
447
-
ns
TC = 125
oC
-
485
-
Irr
Diode Peak Reverse Recovery Current
TC = 25
oC
-
48
-
A
TC = 125
oC
-
50
-
Qrr
Diode Reverse Recovery Charge
TC = 25
oC
-
10.8
-
µC
TC = 125
oC
-
12
-


Similar Part No. - FGA20N120FTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA20S120M FAIRCHILD-FGA20S120M Datasheet
795Kb / 8P
   1200V, 20A Shorted-Anode IGBT
FGA20S125P FAIRCHILD-FGA20S125P Datasheet
1Mb / 8P
   1250 V, 20 A Shorted-anode IGBT
FGA20S140P FAIRCHILD-FGA20S140P Datasheet
872Kb / 8P
   Shorted AnodeTM IGBT
More results

Similar Description - FGA20N120FTD

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE20G120T NCEPOWER-NCE20G120T Datasheet
348Kb / 8P
   1200V, 20A, Trench NPT IGBT
logo
Renesas Technology Corp
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_15 Datasheet
114Kb / 10P
   1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0 Datasheet
59Kb / 4P
   1200V - 20A - IGBT Application: Inverter
RJH1CM6DPQ-E0 RENESAS-RJH1CM6DPQ-E0_13 Datasheet
116Kb / 10P
   1200V - 20A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA20S120M FAIRCHILD-FGA20S120M Datasheet
795Kb / 8P
   1200V, 20A Shorted-Anode IGBT
logo
Renesas Technology Corp
RJH1CD5DPQ-E0 RENESAS-RJH1CD5DPQ-E0 Datasheet
59Kb / 4P
   1200V - 20A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGL35N120FTD FAIRCHILD-FGL35N120FTD Datasheet
732Kb / 9P
   1200V, 35A Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com