Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS116LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS116LT1G
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS116LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BAS116LT1G Datasheet HTML 1Page - ON Semiconductor BAS116LT1G Datasheet HTML 2Page - ON Semiconductor BAS116LT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS116LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (IBR = 100 mAdc)
V(BR)
75
Vdc
Reverse Voltage Leakage Current (VR = 75 Vdc)
Reverse Voltage Leakage Current (VR = 75 Vdc, TJ = 150°C)
IR
5.0
80
nAdc
Forward Voltage (IF = 1.0 mAdc)
Forward Voltage (IF = 10 mAdc)
Forward Voltage (IF = 50 mAdc)
Forward Voltage (IF = 150 mAdc)
VF
900
1000
1100
1250
mV
Diode Capacitance (VR = 0 V, f = 1.0 MHz)
CD
2.0
pF
Reverse Recovery Time (IF = IR = 10 mAdc) (Figure 1)
trr
3.0
ms
1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA.
2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
DUT
VR
100
mH
0.1
mF
50 W Output
Pulse
Generator
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Similar Part No. - BAS116LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS116LT1G ONSEMI-BAS116LT1G Datasheet
40Kb / 4P
   Switching Diod
April, 2004 ??Rev. 4
BAS116LT1G ONSEMI-BAS116LT1G Datasheet
124Kb / 3P
   Switching Diode
October, 2011 ??Rev. 8
BAS116LT1G ONSEMI-BAS116LT1G Datasheet
83Kb / 4P
   Switching Diode
October, 2016 ??Rev. 12
BAS116LT1G ONSEMI-BAS116LT1G_11 Datasheet
124Kb / 3P
   Switching Diode
October, 2011 ??Rev. 8
More results

Similar Description - BAS116LT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com