Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1727 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD1727
Description  RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1727 Datasheet(HTML) 7 Page - STMicroelectronics

  SD1727_04 Datasheet HTML 1Page - STMicroelectronics SD1727_04 Datasheet HTML 2Page - STMicroelectronics SD1727_04 Datasheet HTML 3Page - STMicroelectronics SD1727_04 Datasheet HTML 4Page - STMicroelectronics SD1727_04 Datasheet HTML 5Page - STMicroelectronics SD1727_04 Datasheet HTML 6Page - STMicroelectronics SD1727_04 Datasheet HTML 7Page - STMicroelectronics SD1727_04 Datasheet HTML 8Page - STMicroelectronics SD1727_04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
7/9
SD1727 (THX15)
PACKAGE MECHANICAL
Table 7. M164 Mechanical Data
Figure 13. M164 Package Dimensions
Note: Drawing is not to scale.
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
5.59
5.84
0.220
0.230
B
26.67
1.050
C
13.84
14.10
0.545
0.555
D
12.57
12.83
0.495
0.505
E
0.08
0.18
0.003
0.007
F
21.08
0.830
G
4.70
5.03
0.185
0.198
H
12.62
13.46
0.497
0.530


Similar Part No. - SD1727_04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD1727 DIODES-SD1727_04 Datasheet
398Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
More results

Similar Description - SD1727_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1731 STMICROELECTRONICS-SD1731_04 Datasheet
364Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
logo
Diodes Incorporated
SD1727 DIODES-SD1727_04 Datasheet
398Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com