Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1727 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD1727
Description  RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1727 Datasheet(HTML) 6 Page - STMicroelectronics

  SD1727_04 Datasheet HTML 1Page - STMicroelectronics SD1727_04 Datasheet HTML 2Page - STMicroelectronics SD1727_04 Datasheet HTML 3Page - STMicroelectronics SD1727_04 Datasheet HTML 4Page - STMicroelectronics SD1727_04 Datasheet HTML 5Page - STMicroelectronics SD1727_04 Datasheet HTML 6Page - STMicroelectronics SD1727_04 Datasheet HTML 7Page - STMicroelectronics SD1727_04 Datasheet HTML 8Page - STMicroelectronics SD1727_04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
SD1727 (THX15)
6/9
Table 6. Test Circuit - Class AB – 30 Mhz
MOUNTING CIRCUIT - CLASS AB – 30 MHZ
Figure 12. Mounting Circuit - Class AB – 30 Mhz
C1
Arco 427
C2
Arco 4611
C3
Arco 4615
C4
220pF
C5, C6
Arco 4215
C7
Arco 426
C8. C12
100nF 63V
C9, C11, C15
1nF
C10
470µF 40V
C13
220µF 63V
C14
10nF
L1
5 Turns Diameter 8mm, 1.3mm Wire, Length 15mm
L2
Hair Pin Copper Foil 20 x 5mm, 0.2mm Thick
L3
1 Turn Diameter 10mm, 1.3mm Wire, Length 8mm
L4
6 Turns Diameter 8mm, 1.3mm Wire, Length 25mm
L5
4 Turns Diameter 12mm, 2mm Wire, Length 25mm
L6, L7, L8
Choke
R0.6


Similar Part No. - SD1727_04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD1727 DIODES-SD1727_04 Datasheet
398Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
More results

Similar Description - SD1727_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1731 STMICROELECTRONICS-SD1731_04 Datasheet
364Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
logo
Diodes Incorporated
SD1727 DIODES-SD1727_04 Datasheet
398Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com