Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 62 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 62 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 58Page - Intel Corporation 313079-001 Datasheet HTML 59Page - Intel Corporation 313079-001 Datasheet HTML 60Page - Intel Corporation 313079-001 Datasheet HTML 61Page - Intel Corporation 313079-001 Datasheet HTML 62Page - Intel Corporation 313079-001 Datasheet HTML 63Page - Intel Corporation 313079-001 Datasheet HTML 64Page - Intel Corporation 313079-001 Datasheet HTML 65Page - Intel Corporation 313079-001 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
Signal Definitions
62
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
BINIT#
I/O
BINIT# (Bus Initialization) may be observed and driven by all processor FSB agents
and if used, must connect the appropriate pins of all such agents. If the BINIT#
driver is enabled during power on configuration, BINIT# is asserted to signal any bus
condition that prevents reliable future operation.
If BINIT# observation is enabled during power-on configuration (see Figure 7.1) and
BINIT# is sampled asserted, symmetric agents reset their bus LOCK# activity and
bus request arbitration state machines. The bus agents do not reset their I/O Queue
(IOQ) and transaction tracking state machines upon observation of BINIT# assertion.
Once the BINIT# assertion has been observed, the bus agents will re-arbitrate for
the FSB and attempt completion of their bus queue and IOQ entries.
If BINIT# observation is disabled during power-on configuration, a priority agent
may handle an assertion of BINIT# as appropriate to the error handling architecture
of the system.
3
BNR#
I/O
BNR# (Block Next Request) is used to assert a bus stall by any bus agent who is
unable to accept new bus transactions. During a bus stall, the current bus owner
cannot issue any new transactions.
Since multiple agents might need to request a bus stall at the same time, BNR# is a
wired-OR signal which must connect the appropriate pins of all processor FSB agents.
In order to avoid wired-OR glitches associated with simultaneous edge transitions
driven by multiple drivers, BNR# is activated on specific clock edges and sampled on
specific clock edges.
3
BPM[5:0]#
I/O
BPM[5:0]# (Breakpoint Monitor) are breakpoint and performance monitor signals.
They are outputs from the processor which indicate the status of breakpoints and
programmable counters used for monitoring processor performance. BPM[5:0]#
should connect the appropriate pins of all FSB agents.
BPM4# provides PRDY# (Probe Ready) functionality for the TAP port. PRDY# is a
processor output used by debug tools to determine processor debug readiness.
BPM5# provides PREQ# (Probe Request) functionality for the TAP port. PREQ# is
used by debug tools to request debug operation of the processors.
BPM[5:4]# must be bussed to all bus agents. Please refer to the appropriate
platform design guidelines for more detailed information.
2
BPRI#
I
BPRI# (Bus Priority Request) is used to arbitrate for ownership of the processor FSB.
It must connect the appropriate pins of all processor FSB agents. Observing BPRI#
active (as asserted by the priority agent) causes all other agents to stop issuing new
requests, unless such requests are part of an ongoing locked operation. The priority
agent keeps BPRI# asserted until all of its requests are completed, then releases the
bus by deasserting BPRI#.
3
BR[1:0]#
I/O
The BR[1:0]# signals are sampled on the active-to-inactive transition of RESET#.
The signal which the agent samples asserted determines its agent ID. BR0# drives
the BREQ0# signal in the system and is used by the processor to request the bus.
These signals do not have on-die termination and must be terminated.
3
BSEL[2:0]
O
The BCLK[1:0] frequency select signals BSEL[2:0] are used to select the processor
input clock frequency. Table 2-2 defines the possible combinations of the signals and
the frequency associated with each combination. The required frequency is
determined by the processors, chipset, and clock synthesizer. All FSB agents must
operate at the same frequency. The Dual-Core Intel Xeon Processor 5000 series
currently operate at either 667 or 1066 MHz FSB frequency. For more information
about these signals, including termination recommendations, refer to the appropriate
platform design guideline.
COMP[3:0]
I
COMP[3:0] must be terminated to VSS on the baseboard using precision resistors.
These inputs configure the AGTL+ drivers of the processor. Refer to the appropriate
platform design guidelines for implementation details.
COMP[7:4]
I
COMP[7:4] must be terminated to VTT on the baseboard using precision resistors.
These inputs configure the AGTL+ drivers of the processor. Refer to the appropriate
platform design guidelines for implementation details.
Table 5-1.
Signal Definitions (Sheet 2 of 8)
Name
Type
Description
Notes


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com