Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 61 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 61 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 57Page - Intel Corporation 313079-001 Datasheet HTML 58Page - Intel Corporation 313079-001 Datasheet HTML 59Page - Intel Corporation 313079-001 Datasheet HTML 60Page - Intel Corporation 313079-001 Datasheet HTML 61Page - Intel Corporation 313079-001 Datasheet HTML 62Page - Intel Corporation 313079-001 Datasheet HTML 63Page - Intel Corporation 313079-001 Datasheet HTML 64Page - Intel Corporation 313079-001 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
61
Signal Definitions
5
Signal Definitions
5.1
Signal Definitions
Table 5-1.
Signal Definitions (Sheet 1 of 8)
Name
Type
Description
Notes
A[35:3]#
I/O
A[35:3]# (Address) define a 236-byte physical memory address space. In sub-phase
1 of the address phase, these signals transmit the address of a transaction. In sub-
phase 2, these signals transmit transaction type information. These signals must
connect the appropriate pins of all agents on the FSB. A[35:3]# are protected by
parity signals AP[1:0]#. A[35:3]# are source synchronous signals and are latched
into the receiving buffers by ADSTB[1:0]#.
On the active-to-inactive transition of RESET#, the processors sample a subset of the
A[35:3]# lands to determine their power-on configuration. See Section 7.1.
3
A20M#
I
If A20M# (Address-20 Mask) is asserted, the processor masks physical address bit
20 (A20#) before looking up a line in any internal cache and before driving a read/
write transaction on the bus. Asserting A20M# emulates the 8086 processor's
address wrap-around at the 1 MB boundary. Assertion of A20M# is only supported in
real mode.
A20M# is an asynchronous signal. However, to ensure recognition of this signal
following an I/O write instruction, it must be valid along with the TRDY# assertion of
the corresponding I/O write bus transaction.
2
ADS#
I/O
ADS# (Address Strobe) is asserted to indicate the validity of the transaction address
on the A[35:3]# lands. All bus agents observe the ADS# activation to begin parity
checking, protocol checking, address decode, internal snoop, or deferred reply ID
match operations associated with the new transaction. This signal must connect the
appropriate pins on all Dual-Core Intel Xeon Processor 5000 series FSB agents.
3
ADSTB[1:0]#
I/O
Address strobes are used to latch A[35:3]# and REQ[4:0]# on their rising and falling
edge. Strobes are associated with signals as shown below.
3
AP[1:0]#
I/O
AP[1:0]# (Address Parity) are driven by the request initiator along with ADS#,
A[35:3]#, and the transaction type on the REQ[4:0]# signals. A correct parity signal
is high if an even number of covered signals are low and low if an odd number of
covered signals are low. This allows parity to be high when all the covered signals are
high. AP[1:0]# should connect the appropriate pins of all Dual-Core Intel Xeon
Processor 5000 series FSB agents. The following table defines the coverage model of
these signals.
3
BCLK[1:0]
I
The differential bus clock pair BCLK[1:0] (Bus Clock) determines the FSB frequency.
All processor FSB agents must receive these signals to drive their outputs and latch
their inputs.
All external timing parameters are specified with respect to the rising edge of BCLK0
crossing VCROSS.
3
Signals
Associated Strobes
REQ[4:0], A[16:3]#
ADSTB0#
A[35:17]#
ADSTB1#
Request Signals
Subphase 1
Subphase 2
A[35:24]#
AP0#
AP1#
A[23:3]#
AP1#
AP0#
REQ[4:0]#
AP1#
AP0#


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com