Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 58 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 58 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 54Page - Intel Corporation 313079-001 Datasheet HTML 55Page - Intel Corporation 313079-001 Datasheet HTML 56Page - Intel Corporation 313079-001 Datasheet HTML 57Page - Intel Corporation 313079-001 Datasheet HTML 58Page - Intel Corporation 313079-001 Datasheet HTML 59Page - Intel Corporation 313079-001 Datasheet HTML 60Page - Intel Corporation 313079-001 Datasheet HTML 61Page - Intel Corporation 313079-001 Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
Land Listing
58
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
H16
DP2#
Common Clk
Input/Output
J28
VCC
Power/Other
H17
VSS
Power/Other
J29
VCC
Power/Other
H18
VSS
Power/Other
J3
RESERVED
H19
VSS
Power/Other
J30
VCC
Power/Other
H2
GTLREF_ADD_C1
Power/Other
Input
J4
VSS
Power/Other
H20
VSS
Power/Other
J5
REQ1#
Source Sync
Input/Output
H21
VSS
Power/Other
J6
REQ4#
Source Sync
Input/Output
H22
VSS
Power/Other
J7
VSS
Power/Other
H23
VSS
Power/Other
J8
VCC
Power/Other
H24
VSS
Power/Other
J9
VCC
Power/Other
H25
VSS
Power/Other
K1
LINT0
ASync GTL+
Input
H26
VSS
Power/Other
K2
VSS
Power/Other
H27
VSS
Power/Other
K23
VCC
Power/Other
K24
VCC
Power/Other
M7
VSS
Power/Other
K25
VCC
Power/Other
M8
VCC
Power/Other
K26
VCC
Power/Other
N1
PWRGOOD
Power/Other
Input
K27
VCC
Power/Other
N2
IGNNE#
ASync GTL+
Input
K28
VCC
Power/Other
N23
VCC
Power/Other
K29
VCC
Power/Other
N24
VCC
Power/Other
K3
A20M#
ASync GTL+
Input
N25
VCC
Power/Other
K30
VCC
Power/Other
N26
VCC
Power/Other
K4
REQ0#
Source Sync
Input/Output
N27
VCC
Power/Other
K5
VSS
Power/Other
N28
VCC
Power/Other
K6
REQ3#
Source Sync
Input/Output
N29
VCC
Power/Other
K7
VSS
Power/Other
N3
VSS
Power/Other
K8
VCC
Power/Other
N30
VCC
Power/Other
L1
LINT1
ASync GTL+
Input
N4
RESERVED
L2
TESTHI11
ASync GTL+
Input
N5
RESERVED
L23
VSS
Power/Other
N6
VSS
Power/Other
L24
VSS
Power/Other
N7
VSS
Power/Other
L25
VSS
Power/Other
N8
VCC
Power/Other
L26
VSS
Power/Other
P1
TESTHI10
Power/Other
Input
L27
VSS
Power/Other
P2
SMI#
ASync GTL+
Input
L28
VSS
Power/Other
P23
VSS
Power/Other
L29
VSS
Power/Other
P24
VSS
Power/Other
L3
VSS
Power/Other
P25
VSS
Power/Other
L30
VSS
Power/Other
P26
VSS
Power/Other
L4
A06#
Source Sync
Input/Output
P27
VSS
Power/Other
L5
A05#
Source Sync
Input/Output
P28
VSS
Power/Other
L6
VSS
Power/Other
P29
VSS
Power/Other
L7
VSS
Power/Other
P3
INIT#
ASync GTL+
Input
L8
VCC
Power/Other
P30
VSS
Power/Other
M1
VSS
Power/Other
P4
VSS
Power/Other
M2
THERMTRIP#
ASync GTL+
Output
P5
RESERVED
M23
VCC
Power/Other
P6
A04#
Source Sync
Input/Output
M24
VCC
Power/Other
P7
VSS
Power/Other
M25
VCC
Power/Other
P8
VCC
Power/Other
M26
VCC
Power/Other
R1
COMP3
Power/Other
Input
Table 4-2.
Land Listing by Land Number (Sheet 7 of 9)
Land
No.
Land Name
Signal Buffer
Type
Direction
Land
No.
Land Name
Signal Buffer
Type
Direction


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com