Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 57 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 57 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 53Page - Intel Corporation 313079-001 Datasheet HTML 54Page - Intel Corporation 313079-001 Datasheet HTML 55Page - Intel Corporation 313079-001 Datasheet HTML 56Page - Intel Corporation 313079-001 Datasheet HTML 57Page - Intel Corporation 313079-001 Datasheet HTML 58Page - Intel Corporation 313079-001 Datasheet HTML 59Page - Intel Corporation 313079-001 Datasheet HTML 60Page - Intel Corporation 313079-001 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
57
Land Listing
E15
D33#
Source Sync
Input/Output
F27
RESERVED
E16
D34#
Source Sync
Input/Output
F28
BCLK0
Clk
Input
E17
VSS
Power/Other
F29
RESERVED
E18
D39#
Source Sync
Input/Output
F3
BR0#
Common Clk
Input/Output
E19
D40#
Source Sync
Input/Output
F30
VTT
Power/Other
E2
VSS
Power/Other
F4
VSS
Power/Other
E20
VSS
Power/Other
F5
RS1#
Common Clk
Input
E21
D42#
Source Sync
Input/Output
F6
RESERVED
E22
D45#
Source Sync
Input/Output
F7
VSS
Power/Other
E23
RESERVED
F8
D17#
Source Sync
Input/Output
E24
RESERVED
F9
D18#
Source Sync
Input/Output
E25
VSS
Power/Other
G1
VSS
Power/Other
E26
VSS
Power/Other
G10
GTLREF_DATA_C0
Power/Other
Input
E27
VSS
Power/Other
G11
DBI1#
Source Sync
Input/Output
E28
VSS
Power/Other
G12
DSTBN1#
Source Sync
Input/Output
E29
VSS
Power/Other
G13
D27#
Source Sync
Input/Output
E3
TRDY#
Common Clk
Input
G14
D29#
Source Sync
Input/Output
E30
VTT
Power/Other
G15
D31#
Source Sync
Input/Output
G16
D32#
Source Sync
Input/Output
H28
VSS
Power/Other
G17
D36#
Source Sync
Input/Output
H29
VSS
Power/Other
G18
D35#
Source Sync
Input/Output
H3
VSS
Power/Other
G19
DSTBP2#
Source Sync
Input/Output
H30
BSEL1
Power/Other
Output
G2
COMP2
Power/Other
Input
H4
RSP#
Common Clk
Input
G20
DSTBN2#
Source Sync
Input/Output
H5
BR1#
Common Clk
Input
G21
D44#
Source Sync
Input/Output
H6
VSS
Power/Other
G22
D47#
Source Sync
Input/Output
H7
VSS
Power/Other
G23
RESET#
Common Clk
Input
H8
VSS
Power/Other
G24
TESTHI06
Power/Other
Input
H9
VSS
Power/Other
G25
TESTHI03
Power/Other
Input
J1VTT_OUT
Power/Other
Output
G26
TESTHI05
Power/Other
Input
J10
VCC
Power/Other
G27
TESTHI04
Power/Other
Input
J11
VCC
Power/Other
G28
BCLK1
Clk
Input
J12
VCC
Power/Other
G29
BSEL0
Power/Other
Output
J13
VCC
Power/Other
G3
TESTHI08
Power/Other
Input
J14
VCC
Power/Other
G30
BSEL2
Power/Other
Output
J15
VCC
Power/Other
G4
TESTHI09
Power/Other
Input
J16
DP0#
Common Clk
Input/Output
G5
RESERVED
J17
DP3#
Common Clk
Input/Output
G6
RESERVED
J18
VCC
Power/Other
G7
DEFER#
Common Clk
Input
J19
VCC
Power/Other
G8
BPRI#
Common Clk
Input
J2
COMP4
Power/Other
Input
G9
D16#
Source Sync
Input/Output
J20
VCC
Power/Other
H1
GTLREF_ADD_C0
Power/Other
Input
J21
VCC
Power/Other
H10
VSS
Power/Other
J22
VCC
Power/Other
H11
VSS
Power/Other
J23
VCC
Power/Other
H12
VSS
Power/Other
J24
VCC
Power/Other
H13
VSS
Power/Other
J25
VCC
Power/Other
H14
VSS
Power/Other
J26
VCC
Power/Other
H15
DP1#
Common Clk
Input/Output
J27
VCC
Power/Other
Table 4-2.
Land Listing by Land Number (Sheet 6 of 9)
Land
No.
Land Name
Signal Buffer
Type
Direction
Land
No.
Land Name
Signal Buffer
Type
Direction


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com