Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 56 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 56 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 52Page - Intel Corporation 313079-001 Datasheet HTML 53Page - Intel Corporation 313079-001 Datasheet HTML 54Page - Intel Corporation 313079-001 Datasheet HTML 55Page - Intel Corporation 313079-001 Datasheet HTML 56Page - Intel Corporation 313079-001 Datasheet HTML 57Page - Intel Corporation 313079-001 Datasheet HTML 58Page - Intel Corporation 313079-001 Datasheet HTML 59Page - Intel Corporation 313079-001 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 104 page
background image
Land Listing
56
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
B14
VSS
Power/Other
C26
VTT
Power/Other
B15
D53#
Source Sync
Input/Output
C27
VTT
Power/Other
B16
D55#
Source Sync
Input/Output
C28
VTT
Power/Other
B17
VSS
Power/Other
C29
VTT
Power/Other
B18
D57#
Source Sync
Input/Output
C3
LOCK#
Common Clk
Input/Output
B19
D60#
Source Sync
Input/Output
C30
VTT
Power/Other
B2
DBSY#
Common Clk
Input/Output
C4
VSS
Power/Other
B20
VSS
Power/Other
C5
D01#
Source Sync
Input/Output
B21
D59#
Source Sync
Input/Output
C6
D03#
Source Sync
Input/Output
B22
D63#
Source Sync
Input/Output
C7
VSS
Power/Other
B23
VSSA
Power/Other
Input
C8
DSTBN0#
Source Sync
Input/Output
B24
VSS
Power/Other
C9
RESERVED
B25
VTT
Power/Other
D1
RESERVED
B26
VTT
Power/Other
D10
D22#
Source Sync
Input/Output
B27
VTT
Power/Other
D11
D15#
Source Sync
Input/Output
B28
VTT
Power/Other
D12
VSS
Power/Other
B29
VTT
Power/Other
D13
D25#
Source Sync
Input/Output
B3
RS0#
Common Clk
Input
D14
RESERVED
B30
VTT
Power/Other
D15
VSS
Power/Other
B4
D00#
Source Sync
Input/Output
D16
RESERVED
B5
VSS
Power/Other
D17
D49#
Source Sync
Input/Output
B6
D05#
Source Sync
Input/Output
D18
VSS
Power/Other
B7
D06#
Source Sync
Input/Output
D19
DBI2#
Source Sync
Input/Output
D2
ADS#
Common Clk
Input/Output
E4
HITM#
Common Clk
Input/Output
D20
D48#
Source Sync
Input/Output
E5
RESERVED
D21
VSS
Power/Other
E6
RESERVED
D22
D46#
Source Sync
Input/Output
E7
RESERVED
D23
RESERVED
E8
VSS
Power/Other
D24
VSS
Power/Other
E9
D19#
Source Sync
Input/Output
D25
VTT
Power/Other
F1
VSS
Power/Other
D26
VTT
Power/Other
F10
VSS
Power/Other
D27
VTT
Power/Other
F11
D23#
Source Sync
Input/Output
D28
VTT
Power/Other
F12
D24#
Source Sync
Input/Output
D29
VTT
Power/Other
F13
VSS
Power/Other
D3
VSS
Power/Other
F14
D28#
Source Sync
Input/Output
D30
VTT
Power/Other
F15
D30#
Source Sync
Input/Output
D4
HIT#
Common Clk
Input/Output
F16
VSS
Power/Other
D5
VSS
Power/Other
F17
D37#
Source Sync
Input/Output
D6
VSS
Power/Other
F18
D38#
Source Sync
Input/Output
D7
D20#
Source Sync
Input/Output
F19
VSS
Power/Other
D8
D12#
Source Sync
Input/Output
F2
GTLREF_DATA_C1
Power/Other
Input
D9
VSS
Power/Other
F20
D41#
Source Sync
Input/Output
E1
RESERVED
F21
D43#
Source Sync
Input/Output
E10
D21#
Source Sync
Input/Output
F22
VSS
Power/Other
E11
VSS
Power/Other
F23
RESERVED
E12
DSTBP1#
Source Sync
Input/Output
F24
TESTHI07
Power/Other
Input
E13
D26#
Source Sync
Input/Output
F25
TESTHI02
Power/Other
Input
E14
VSS
Power/Other
F26
TESTHI00
Power/Other
Input
Table 4-2.
Land Listing by Land Number (Sheet 5 of 9)
Land
No.
Land Name
Signal Buffer
Type
Direction
Land
No.
Land Name
Signal Buffer
Type
Direction


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com