Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 53 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 53 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 49Page - Intel Corporation 313079-001 Datasheet HTML 50Page - Intel Corporation 313079-001 Datasheet HTML 51Page - Intel Corporation 313079-001 Datasheet HTML 52Page - Intel Corporation 313079-001 Datasheet HTML 53Page - Intel Corporation 313079-001 Datasheet HTML 54Page - Intel Corporation 313079-001 Datasheet HTML 55Page - Intel Corporation 313079-001 Datasheet HTML 56Page - Intel Corporation 313079-001 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
53
Land Listing
AD7
VSS
Power/Other
AF2
BPM4#
Common Clk
Input/Output
AD8
VCC
Power/Other
AF20
VSS
Power/Other
AE1
TCK
TAP
Input
AF21
VCC
Power/Other
AE10
VSS
Power/Other
AF22
VCC
Power/Other
AE11
VCC
Power/Other
AF23
VSS
Power/Other
AE12
VCC
Power/Other
AF24
VSS
Power/Other
AE13
VSS
Power/Other
AF25
VSS
Power/Other
AE14
VCC
Power/Other
AF26
VSS
Power/Other
AE15
VCC
Power/Other
AF27
VSS
Power/Other
AE16
VSS
Power/Other
AF28
VSS
Power/Other
AE17
VSS
Power/Other
AF29
VSS
Power/Other
AE18
VCC
Power/Other
AF3
VSS
Power/Other
AE19
VCC
Power/Other
AF30
VSS
Power/Other
AE2
VSS
Power/Other
AF4
A28#
Source Sync
Input/Output
AE20
VSS
Power/Other
AF5
A27#
Source Sync
Input/Output
AE21
VCC
Power/Other
AF6
VSS
Power/Other
AE22
VCC
Power/Other
AF7
VSS
Power/Other
AE23
VCC
Power/Other
AF8
VCC
Power/Other
AE24
VSS
Power/Other
AF9
VCC
Power/Other
AE25
VSS
Power/Other
AG1
TRST#
TAP
Input
AE26
VSS
Power/Other
AG10
VSS
Power/Other
AE27
VSS
Power/Other
AG11
VCC
Power/Other
AE28
VSS
Power/Other
AG12
VCC
Power/Other
AE29
VSS
Power/Other
AG13
VSS
Power/Other
AE3
COMP7
Power/Other
Input
AG14
VCC
Power/Other
AE30
VSS
Power/Other
AG15
VCC
Power/Other
AE4
RESERVED
AG16
VSS
Power/Other
AE5
VSS
Power/Other
AG17
VSS
Power/Other
AE6
RESERVED
AG18
VCC
Power/Other
AE7
VSS
Power/Other
AG19
VCC
Power/Other
AE8
SKTOCC#
Power/Other
Output
AG2
BPM3#
Common Clk
Input/Output
AE9
VCC
Power/Other
AG20
VSS
Power/Other
AF1
TDO
TAP
Output
AG21
VCC
Power/Other
AF10
VSS
Power/Other
AG22
VCC
Power/Other
AF11
VCC
Power/Other
AG23
VSS
Power/Other
AF12
VCC
Power/Other
AG24
VSS
Power/Other
AF13
VSS
Power/Other
AG25
VCC
Power/Other
AF14
VCC
Power/Other
AG26
VCC
Power/Other
AG27
VCC
Power/Other
AJ11
VCC
Power/Other
AG28
VCC
Power/Other
AJ12
VCC
Power/Other
AG29
VCC
Power/Other
AJ13
VSS
Power/Other
AG3
BPM5#
Common Clk
Input/Output
AJ14
VCC
Power/Other
AG30
VCC
Power/Other
AJ15
VCC
Power/Other
AG4
A30#
Source Sync
Input/Output
AJ16
VSS
Power/Other
AG5
A31#
Source Sync
Input/Output
AJ17
VSS
Power/Other
AG6
A29#
Source Sync
Input/Output
AJ18
VCC
Power/Other
AG7
VSS
Power/Other
AJ19
VCC
Power/Other
AG8
VCC
Power/Other
AJ2
BPM0#
Common Clk
Input/Output
Table 4-2.
Land Listing by Land Number (Sheet 2 of 9)
Land
No.
Land Name
Signal Buffer
Type
Direction
Land
No.
Land Name
Signal Buffer
Type
Direction


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com