Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 52 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 48Page - Intel Corporation 313079-001 Datasheet HTML 49Page - Intel Corporation 313079-001 Datasheet HTML 50Page - Intel Corporation 313079-001 Datasheet HTML 51Page - Intel Corporation 313079-001 Datasheet HTML 52Page - Intel Corporation 313079-001 Datasheet HTML 53Page - Intel Corporation 313079-001 Datasheet HTML 54Page - Intel Corporation 313079-001 Datasheet HTML 55Page - Intel Corporation 313079-001 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
Land Listing
52
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
4.1.2
Land Listing by Land Number
Table 4-2.
Land Listing by Land Number (Sheet 1 of 9)
Land
No.
Land Name
Signal Buffer
Type
Direction
Land
No.
Land Name
Signal Buffer
Type
Direction
A10
D08#
Source Sync
Input/Output
AB1
VSS
Power/Other
A11
D09#
Source Sync
Input/Output
AB2
IERR#
ASync GTL+
Output
A12
VSS
Power/Other
AB23
VSS
Power/Other
A13
COMP0
Power/Other
Input
AB24
VSS
Power/Other
A14
D50#
Source Sync
Input/Output
AB25
VSS
Power/Other
A15
VSS
Power/Other
AB26
VSS
Power/Other
A16
DSTBN3#
Source Sync
Input/Output
AB27
VSS
Power/Other
A17
D56#
Source Sync
Input/Output
AB28
VSS
Power/Other
A18
VSS
Power/Other
AB29
VSS
Power/Other
A19
D61#
Source Sync
Input/Output
AB3
MCERR#
Common Clk
Input/Output
A2
VSS
Power/Other
AB30
VSS
Power/Other
A20
RESERVED
AB4
A26#
Source Sync
Input/Output
A21
VSS
Power/Other
AB5
A24#
Source Sync
Input/Output
A22
D62#
Source Sync
Input/Output
AB6
A17#
Source Sync
Input/Output
A23
VCCA
Power/Other
Input
AB7
VSS
Power/Other
A24
VSS
Power/Other
AB8
VCC
Power/Other
A25
VTT
Power/Other
AC1
TMS
TAP
Input
A26
VTT
Power/Other
AC2
DBR#
Power/Other
Output
A3
RS2#
Common Clk
Input
AC23
VCC
Power/Other
A4
D02#
Source Sync
Input/Output
AC24
VCC
Power/Other
A5
D04#
Source Sync
Input/Output
AC25
VCC
Power/Other
A6
VSS
Power/Other
AC26
VCC
Power/Other
A7
D07#
Source Sync
Input/Output
AC27
VCC
Power/Other
A8
DBI0#
Source Sync
Input/Output
AC28
VCC
Power/Other
A9
VSS
Power/Other
AC29
VCC
Power/Other
AA1
VTT_OUT
Power/Other
Output
AC3
VSS
Power/Other
AA2
LL_ID1
Power/Other
Output
AC30
VCC
Power/Other
AA23
VSS
Power/Other
AC4
RESERVED
AA24
VSS
Power/Other
AC5
A25#
Source Sync
Input/Output
AA25
VSS
Power/Other
AC6
VSS
Power/Other
AA26
VSS
Power/Other
AC7
VSS
Power/Other
AA27
VSS
Power/Other
AC8
VCC
Power/Other
AA28
VSS
Power/Other
AD1
TDI
TAP
Input
AA29
VSS
Power/Other
AD2
BPM2#
Common Clk
Input/Output
AA3
VSS
Power/Other
AD23
VCC
Power/Other
AA30
VSS
Power/Other
AD24
VCC
Power/Other
AA4
A21#
Source Sync
Input/Output
AD25
VCC
Power/Other
AA5
A23#
Source Sync
Input/Output
AD26
VCC
Power/Other
AA6
VSS
Power/Other
AD27
VCC
Power/Other
AA7
VSS
Power/Other
AD28
VCC
Power/Other
AA8
VCC
Power/Other
AD29
VCC
Power/Other
AD3
BINIT#
Common Clk
Input/Output
AF15
VCC
Power/Other
AD30
VCC
Power/Other
AF16
VSS
Power/Other
AD4
VSS
Power/Other
AF17
VSS
Power/Other
AD5
ADSTB1#
Source Sync
Input/Output
AF18
VCC
Power/Other
AD6
A22#
Source Sync
Input/Output
AF19
VCC
Power/Other


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com