Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 5 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 5 Page - Intel Corporation

  313079-001 Datasheet HTML 1Page - Intel Corporation 313079-001 Datasheet HTML 2Page - Intel Corporation 313079-001 Datasheet HTML 3Page - Intel Corporation 313079-001 Datasheet HTML 4Page - Intel Corporation 313079-001 Datasheet HTML 5Page - Intel Corporation 313079-001 Datasheet HTML 6Page - Intel Corporation 313079-001 Datasheet HTML 7Page - Intel Corporation 313079-001 Datasheet HTML 8Page - Intel Corporation 313079-001 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
5
8-1
Boxed Dual-Core Intel Xeon Processor 5000 Series 1U
Passive/2U Active Combination Heat Sink (With Removable Fan) ............................. 89
8-2
Boxed Dual-Core Intel Xeon Processor 5000 Series 2U Passive Heat Sink.................. 90
8-3
2U Passive Dual-Core Intel Xeon Processor 5000 Series
Thermal Solution (Exploded View) ....................................................................... 90
8-4
Top Side Board Keep-Out Zones (Part 1) .............................................................. 92
8-5
Top Side Board Keep-Out Zones (Part 2) .............................................................. 93
8-6
Bottom Side Board Keep-Out Zones ..................................................................... 94
8-7
Board Mounting Hole Keep-Out Zones .................................................................. 95
8-8
Volumetric Height Keep-Ins ................................................................................ 96
8-9
4-Pin Fan Cable Connector (For Active CEK Heat Sink) ........................................... 97
8-10 4-Pin Base Board Fan Header (For Active CEK Heat Sink)........................................ 98
8-11 Fan Cable Connector Pin Out for 4-Pin Active CEK Thermal Solution ....................... 100
Tables
1-1
Dual-Core Intel® Xeon® Processor 5000 Series Features ....................................... 10
2-1
Core Frequency to FSB Multiplier Configuration ..................................................... 17
2-2
BSEL[2:0] Frequency Table ................................................................................ 17
2-3
Voltage Identification Definition........................................................................... 19
2-4
Loadline Selection Truth Table for LL_ID[1:0] ....................................................... 20
2-5
Market Segment Selection Truth Table for MS_ID[1:0] ........................................... 20
2-6
FSB Signal Groups............................................................................................. 22
2-7
Signal Description Table ..................................................................................... 23
2-8
Signal Reference Voltages .................................................................................. 23
2-9
Processor Absolute Maximum Ratings................................................................... 24
2-10 Voltage and Current Specifications....................................................................... 25
2-11 VCC Static and Transient Tolerance ..................................................................... 28
2-12 BSEL[2:0], VID[5:0] Signal Group DC Specifications .............................................. 30
2-13 AGTL+ Signal Group DC Specifications ................................................................. 30
2-14 PWRGOOD Input and TAP Signal Group DC Specifications ....................................... 30
2-15 GTL+ Asynchronous and AGTL+ Asynchronous Signal Group
DC Specifications .............................................................................................. 31
2-16 VTTPWRGD DC Specifications.............................................................................. 31
2-17 VCC Overshoot Specifications.............................................................................. 32
3-1
Package Loading Specifications ........................................................................... 37
3-2
Package Handling Guidelines............................................................................... 38
3-3
Processor Materials............................................................................................ 38
4-1
Land Listing by Land Name................................................................................. 43
4-2
Land Listing by Land Number .............................................................................. 52
5-1
Signal Definitions .............................................................................................. 61
6-1
Dual-Core Intel Xeon Processor 5000 Series (1066 MHz) Thermal Specifications ........ 70
6-2
Dual-Core Intel Xeon Processor 5000 Series (1066 MHz) Thermal Profile A Table ....... 71
6-3
Dual-Core Intel Xeon Processor 5000 Series (1066 MHz) Thermal Profile B Table ....... 72
6-4
Dual-Core Intel Xeon Processor 5000 Series (667 MHz) Thermal Specifications .......... 72
6-5
Dual-Core Intel Xeon Processor 5000 Series (667 MHz) Thermal Profile A Table ......... 73
6-6
Dual-Core Intel Xeon 5000 Series (667 MHz) Thermal Profile B Table ....................... 74
6-7
Dual-Core Intel Xeon Processor 5063 (MV) Thermal Specifications ........................... 74
6-8
Dual-Core Intel Xeon Processor 5063 (MV) Thermal Profile Table ............................. 75
6-9
Thermal Diode Parameters using Diode Model ....................................................... 80
6-10 Thermal Diode Interface..................................................................................... 81
6-11 Thermal Diode Parameters using Transistor Model ................................................. 81
6-12 Parameters for Tdiode Correction Factor ............................................................... 81


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Intel Corporation
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com