Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 47 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 47 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 43Page - Intel Corporation 313079-001 Datasheet HTML 44Page - Intel Corporation 313079-001 Datasheet HTML 45Page - Intel Corporation 313079-001 Datasheet HTML 46Page - Intel Corporation 313079-001 Datasheet HTML 47Page - Intel Corporation 313079-001 Datasheet HTML 48Page - Intel Corporation 313079-001 Datasheet HTML 49Page - Intel Corporation 313079-001 Datasheet HTML 50Page - Intel Corporation 313079-001 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
47
Land Listing
VCC
AL19
Power/Other
VCC
J21
Power/Other
VCC
AL21
Power/Other
VCC
J22
Power/Other
VCC
AL22
Power/Other
VCC
J23
Power/Other
VCC
AL25
Power/Other
VCC
J24
Power/Other
VCC
AL26
Power/Other
VCC
J25
Power/Other
VCC
AL29
Power/Other
VCC
J26
Power/Other
VCC
AL30
Power/Other
VCC
J27
Power/Other
VCC
AL9
Power/Other
VCC
J28
Power/Other
VCC
AM11
Power/Other
VCC
J29
Power/Other
VCC
AM12
Power/Other
VCC
J30
Power/Other
VCC
AM14
Power/Other
VCC
J8
Power/Other
VCC
AM15
Power/Other
VCC
J9
Power/Other
VCC
AM18
Power/Other
VCC
K23
Power/Other
VCC
AM19
Power/Other
VCC
K24
Power/Other
VCC
AM21
Power/Other
VCC
K25
Power/Other
VCC
AM22
Power/Other
VCC
K26
Power/Other
VCC
AM25
Power/Other
VCC
K27
Power/Other
VCC
AM26
Power/Other
VCC
K28
Power/Other
VCC
AM29
Power/Other
VCC
K29
Power/Other
VCC
AM30
Power/Other
VCC
K30
Power/Other
VCC
AM8
Power/Other
VCC
K8
Power/Other
VCC
AM9
Power/Other
VCC
L8
Power/Other
VCC
AN11
Power/Other
VCC
M23
Power/Other
VCC
M24
Power/Other
VCC
W28
Power/Other
VCC
M25
Power/Other
VCC
W29
Power/Other
VCC
M26
Power/Other
VCC
W30
Power/Other
VCC
M27
Power/Other
VCC
W8
Power/Other
VCC
M28
Power/Other
VCC
Y23
Power/Other
VCC
M29
Power/Other
VCC
Y24
Power/Other
VCC
M30
Power/Other
VCC
Y25
Power/Other
VCC
M8
Power/Other
VCC
Y26
Power/Other
VCC
N23
Power/Other
VCC
Y27
Power/Other
VCC
N24
Power/Other
VCC
Y28
Power/Other
VCC
N25
Power/Other
VCC
Y29
Power/Other
VCC
N26
Power/Other
VCC
Y30
Power/Other
VCC
N27
Power/Other
VCC
Y8
Power/Other
VCC
N28
Power/Other
VCC_DIE_SENSE
AN3
Power/Other
Output
VCC
N29
Power/Other
VCC_DIE_SENSE2
AL8
Power/Other
Output
VCC
N30
Power/Other
VCCA
A23
Power/Other
Input
VCC
N8
Power/Other
VCCIOPLL
C23
Power/Other
Input
VCC
P8
Power/Other
VID0
AM2
Power/Other
Output
VCC
R8
Power/Other
VID1
AL5
Power/Other
Output
VCC
T23
Power/Other
VID2
AM3
Power/Other
Output
VCC
T24
Power/Other
VID3
AL6
Power/Other
Output
VCC
T25
Power/Other
VID4
AK4
Power/Other
Output
VCC
T26
Power/Other
VID5
AL4
Power/Other
Output
VCC
T27
Power/Other
VID_SELECT
AN7
Power/Other
Output
VCC
T28
Power/Other
VSS
A12
Power/Other
Table 4-1.
Land Listing by Land Name (Sheet 5 of 9)
Land Name
Land
No.
Signal Buffer
Type
Direction
Land Name
Land
No.
Signal Buffer
Type
Direction


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com