Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 46 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 46 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 42Page - Intel Corporation 313079-001 Datasheet HTML 43Page - Intel Corporation 313079-001 Datasheet HTML 44Page - Intel Corporation 313079-001 Datasheet HTML 45Page - Intel Corporation 313079-001 Datasheet HTML 46Page - Intel Corporation 313079-001 Datasheet HTML 47Page - Intel Corporation 313079-001 Datasheet HTML 48Page - Intel Corporation 313079-001 Datasheet HTML 49Page - Intel Corporation 313079-001 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
Land Listing
46
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
VCC
AC8
Power/Other
VCC
AG30
Power/Other
VCC
AD23
Power/Other
VCC
AG8
Power/Other
VCC
AD24
Power/Other
VCC
AG9
Power/Other
VCC
AD25
Power/Other
VCC
AH11
Power/Other
VCC
AD26
Power/Other
VCC
AH12
Power/Other
VCC
AD27
Power/Other
VCC
AH14
Power/Other
VCC
AD28
Power/Other
VCC
AH15
Power/Other
VCC
AD29
Power/Other
VCC
AH18
Power/Other
VCC
AD30
Power/Other
VCC
AH19
Power/Other
VCC
AD8
Power/Other
VCC
AH21
Power/Other
VCC
AE11
Power/Other
VCC
AH22
Power/Other
VCC
AE12
Power/Other
VCC
AH25
Power/Other
VCC
AE14
Power/Other
VCC
AH26
Power/Other
VCC
AE15
Power/Other
VCC
AH27
Power/Other
VCC
AE18
Power/Other
VCC
AH28
Power/Other
VCC
AE19
Power/Other
VCC
AH29
Power/Other
VCC
AE21
Power/Other
VCC
AH30
Power/Other
VCC
AE22
Power/Other
VCC
AH8
Power/Other
VCC
AE23
Power/Other
VCC
AH9
Power/Other
VCC
AE9
Power/Other
VCC
AJ11
Power/Other
VCC
AF11
Power/Other
VCC
AJ12
Power/Other
VCC
AF12
Power/Other
VCC
AJ14
Power/Other
VCC
AF14
Power/Other
VCC
AJ15
Power/Other
VCC
AF15
Power/Other
VCC
AJ18
Power/Other
VCC
AF18
Power/Other
VCC
AJ19
Power/Other
VCC
AF19
Power/Other
VCC
AJ21
Power/Other
VCC
AF21
Power/Other
VCC
AJ22
Power/Other
VCC
AF22
Power/Other
VCC
AJ25
Power/Other
VCC
AJ26
Power/Other
VCC
AN12
Power/Other
VCC
AJ8
Power/Other
VCC
AN14
Power/Other
VCC
AJ9
Power/Other
VCC
AN15
Power/Other
VCC
AK11
Power/Other
VCC
AN18
Power/Other
VCC
AK12
Power/Other
VCC
AN19
Power/Other
VCC
AK14
Power/Other
VCC
AN21
Power/Other
VCC
AK15
Power/Other
VCC
AN22
Power/Other
VCC
AK18
Power/Other
VCC
AN25
Power/Other
VCC
AK19
Power/Other
VCC
AN26
Power/Other
VCC
AK21
Power/Other
VCC
AN8
Power/Other
VCC
AK22
Power/Other
VCC
AN9
Power/Other
VCC
AK25
Power/Other
VCC
J10
Power/Other
VCC
AK26
Power/Other
VCC
J11
Power/Other
VCC
AK8
Power/Other
VCC
J12
Power/Other
VCC
AK9
Power/Other
VCC
J13
Power/Other
VCC
AL11
Power/Other
VCC
J14
Power/Other
VCC
AL12
Power/Other
VCC
J15
Power/Other
VCC
AL14
Power/Other
VCC
J18
Power/Other
VCC
AL15
Power/Other
VCC
J19
Power/Other
VCC
AL18
Power/Other
VCC
J20
Power/Other
Table 4-1.
Land Listing by Land Name (Sheet 4 of 9)
Land Name
Land
No.
Signal Buffer
Type
Direction
Land Name
Land
No.
Signal Buffer
Type
Direction


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com