Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313079-001 Datasheet(PDF) 45 Page - Intel Corporation

Part # 313079-001
Description  Dual-Core Intel Xeon Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313079-001 Datasheet(HTML) 45 Page - Intel Corporation

Back Button 313079-001 Datasheet HTML 41Page - Intel Corporation 313079-001 Datasheet HTML 42Page - Intel Corporation 313079-001 Datasheet HTML 43Page - Intel Corporation 313079-001 Datasheet HTML 44Page - Intel Corporation 313079-001 Datasheet HTML 45Page - Intel Corporation 313079-001 Datasheet HTML 46Page - Intel Corporation 313079-001 Datasheet HTML 47Page - Intel Corporation 313079-001 Datasheet HTML 48Page - Intel Corporation 313079-001 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
45
Land Listing
IGNNE#
N2
ASync GTL+
Input
RESERVED
J3
INIT#
P3
ASync GTL+
Input
RESERVED
N4
LINT0
K1
ASync GTL+
Input
RESERVED
N5
LINT1
L1
ASync GTL+
Input
RESERVED
P5
LL_ID0
V2
Power/Other
Output
RESERVED
W2
LL_ID1
AA2
Power/Other
Output
I
RESERVED
Y1
LOCK#
C3
Common Clk
Input/Output
RESET#
G23
Common Clk
Input
MCERR#
AB3
Common Clk
Input/Output
RS0#
B3
Common Clk
Input
MS_ID0
W1
Power/Other
Output
RS1#
F5
Common Clk
Input
MS_ID1
V1
Power/Other
Output
RS2#
A3
Common Clk
Input
PROCHOT#
AL2
ASync GTL+
Output
RSP#
H4
Common Clk
Input
PWRGOOD
N1
Power/Other
Input
SKTOCC#
AE8
Power/Other
Output
REQ0#
K4
Source Sync
Input/Output
SMI#
P2
ASync GTL+
Input
REQ1#
J5
Source Sync
Input/Output
STPCLK#
M3
ASync GTL+
Input
REQ2#
M6
Source Sync
Input/Output
TCK
AE1
TAP
Input
REQ3#
K6
Source Sync
Input/Output
TDI
AD1
TAP
Input
REQ4#
J6
Source Sync
Input/Output
TDO
AF1
TAP
Output
RESERVED
A20
TEST_BUS
AH2
Power/Other
RESERVED
AC4
TESTHI00
F26
Power/Other
Input
RESERVED
AE4
TESTHI01
W3
Power/Other
Input
RESERVED
AE6
TESTHI02
F25
Power/Other
Input
RESERVED
AK3
TESTHI03
G25
Power/Other
Input
RESERVED
AJ3
TESTHI04
G27
Power/Other
Input
RESERVED
AM5
TESTHI05
G26
Power/Other
Input
RESERVED
AN5
TESTHI06
G24
Power/Other
Input
RESERVED
AN6
TESTHI07
F24
Power/Other
Input
RESERVED
B13
TESTHI08
G3
Power/Other
Input
RESERVED
C9
TESTHI09
G4
Power/Other
Input
RESERVED
D1
TESTHI10
P1
Power/Other
Input
RESERVED
D14
TESTHI11
L2
Power/Other
Input
RESERVED
D16
THERMDA
AL1
Power/Other
Output
RESERVED
D23
THERMDA2
AJ7
Power/Other
Output
RESERVED
E1
THERMDC
AK1
Power/Other
Output
THERMDC2
AH7
Power/Other
Output
VCC
AF8
Power/Other
THERMTRIP#
M2
ASync GTL+
Output
VCC
AF9
Power/Other
TMS
AC1
TAP
Input
VCC
AG11
Power/Other
TRDY#
E3
Common Clk
Input
VCC
AG12
Power/Other
TRST#
AG1
TAP
Input
VCC
AG14
Power/Other
VCC
AA8
Power/Other
VCC
AG15
Power/Other
VCC
AB8
Power/Other
VCC
AG18
Power/Other
VCC
AC23
Power/Other
VCC
AG19
Power/Other
VCC
AC24
Power/Other
VCC
AG21
Power/Other
VCC
AC25
Power/Other
VCC
AG22
Power/Other
VCC
AC26
Power/Other
VCC
AG25
Power/Other
VCC
AC27
Power/Other
VCC
AG26
Power/Other
VCC
AC28
Power/Other
VCC
AG27
Power/Other
VCC
AC29
Power/Other
VCC
AG28
Power/Other
VCC
AC30
Power/Other
VCC
AG29
Power/Other
Table 4-1.
Land Listing by Land Name (Sheet 3 of 9)
Land Name
Land
No.
Signal Buffer
Type
Direction
Land Name
Land
No.
Signal Buffer
Type
Direction


Similar Part No. - 313079-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313072-002 INTEL-313072-002 Datasheet
3Mb / 250P
Advanced Memory Buffer
More results

Similar Description - 313079-001

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
Intel Core Duo Processor T2500(2.0 GHz dual core)
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
logo
Intel Corporation
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
logo
DFI Inc
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
logo
Adlink Technology Inc.
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
logo
AAEON Technology
EPIC-TGH7 AAEON-EPIC-TGH7 Datasheet
504Kb / 2P
EPIC Board with 11th Generation Intel® Xeon™ / Core™ Processor
2022/08/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com